| Electronic Components Datasheet Search |
|
TMS320DM6435 Datasheet(PDF) 53 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6435 Datasheet(HTML) 53 Page - Texas Instruments |
|
53 / 252 page ![]() TMS320DM6435 Digital Media Processor www.ti.com SPRS344C – NOVEMBER 2006 – REVISED JUNE 2008 Table 2-26. Reserved Terminal Functions SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION ZWT ZDU NAME NO. NO. RESERVED RSV1 E5 D4 Reserved. (Leave unconnected, do not connect to power or ground) RSV2 K5 L4 Reserved. (Leave unconnected, do not connect to power or ground) RSV3 L5 M4 Reserved. (Leave unconnected, do not connect to power or ground) RSV4 L15 P19 Reserved. (Leave unconnected, do not connect to power or ground) RSV5 R13 W16 Reserved. (Leave unconnected, do not connect to power or ground) Reserved. This pin must be tied directly to VSS for normal device RSV6 N19 V22 operation. RSV7 P19 V21 Reserved. (Leave unconnected, do not connect to power or ground) RSV8 P18 U22 Reserved. (Leave unconnected, do not connect to power or ground) RSV9 N18 T21 Reserved. (Leave unconnected, do not connect to power or ground) RSV10 N17 T22 Reserved. (Leave unconnected, do not connect to power or ground) Reserved. This pin must be tied directly to VSS for normal device RSV11 P16 U20 operation. Reserved. This pin must be tied directly to VSS for normal device RSV12 P17 V20 operation. Reserved. This pin must be tied directly to VSS for normal device RSV13 N15 T20 operation. Reserved. This pin must be tied directly to VSS for normal device RSV14 P15 T19 operation. Reserved. This pin must be tied directly to VSS for normal device RSV15 N16 U21 operation. IPD Reserved. For proper DM6435 device operation, this pin must be RSV16 T3 W3 I DVDD33 pulled down via an external resistor and tied to VSS. IPD RSV17 E10 D12 I/O/Z Reserved. (Leave unconnected, do not connect to power or ground) DVDD33 IPD RSV18 E11 D13 I/O/Z Reserved. (Leave unconnected, do not connect to power or ground) DVDD33 IPD RSV19 E12 D14 I/O/Z Reserved. (Leave unconnected, do not connect to power or ground) DVDD33 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 3.9.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal Submit Documentation Feedback Device Overview 53 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |