Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3318CPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3318CPWR
Description  TRANSCEIVER WITH ESD PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3318CPWR Datasheet(HTML) 4 Page - Texas Instruments

  MAX3318CPWR Datasheet HTML 1Page - Texas Instruments MAX3318CPWR Datasheet HTML 2Page - Texas Instruments MAX3318CPWR Datasheet HTML 3Page - Texas Instruments MAX3318CPWR Datasheet HTML 4Page - Texas Instruments MAX3318CPWR Datasheet HTML 5Page - Texas Instruments MAX3318CPWR Datasheet HTML 6Page - Texas Instruments MAX3318CPWR Datasheet HTML 7Page - Texas Instruments MAX3318CPWR Datasheet HTML 8Page - Texas Instruments MAX3318CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MAX3318
SLLS687A – OCTOBER 2005 – REVISED OCTOBER 2013
www.ti.com
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC to GND
–0.3
6
V
V+ to GND(2)
–0.3
7
V
V– to GND(2)
–7
0.3
V
V+ + IV-I(2)
13
V
DIN, FORCEON, FORCEOFF to GND
–0.3
6
Input voltage
V
RIN to GND
±25
DOUT to GND
±13.2
Output voltage
V
ROUT, INVALID, READY to GND
–0.3
VCC + 0.3
Short-circuit duration
DOUT to GND
Continuous
16-pin SSOP (derate 7.14 mW/°C above 70°C)
571
Continuous power dissipation (TA = 70°C)
20-pin SSOP (derate 8 mW/°C above 70°C
640
mW
20-pin TSSOP (derate 7 mW/°C above 70°C)
559
Storage temperature range
–65
150
°C
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
V+ and V– can have maximum magnitudes of 7 V, but their absolute difference cannot exceed 13 V.
Recommended Operating Conditions
See Figure 4
MIN NOM
MAX UNIT
Supply voltage
2.25
2.5
3
V
DIN, FORCEOFF,
VIH
Driver and control high-level input voltage
VCC = 2.5 V to 3 V
0.7 × VCC
5.5
V
FORCEON
DIN, FORCEOFF,
VIL
Driver and control low-level input voltage
VCC = 2.5 V to 3 V
0
0.3 × VCC
V
FORCEON
VI
Receiver input voltage
–25
25
V
MAX3318C
0
70
TA
Operating free-air temperature
°C
MAX3318I
–40
85
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: MAX3318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com