Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3318CPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3318CPWR
Description  TRANSCEIVER WITH ESD PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3318CPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button MAX3318CPWR Datasheet HTML 2Page - Texas Instruments MAX3318CPWR Datasheet HTML 3Page - Texas Instruments MAX3318CPWR Datasheet HTML 4Page - Texas Instruments MAX3318CPWR Datasheet HTML 5Page - Texas Instruments MAX3318CPWR Datasheet HTML 6Page - Texas Instruments MAX3318CPWR Datasheet HTML 7Page - Texas Instruments MAX3318CPWR Datasheet HTML 8Page - Texas Instruments MAX3318CPWR Datasheet HTML 9Page - Texas Instruments MAX3318CPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MAX3318
SLLS687A – OCTOBER 2005 – REVISED OCTOBER 2013
www.ti.com
Receiver Section Electrical Characteristics
over recommended ranges of supply voltage and operating free-air temperature,
VCC = 2.25 V to 3 V, C1–C4 = 0.1 μF, TA = TMIN to TMAX (unless otherwise noted) (see Figure 4)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
Input voltage range
–25
25
V
Input threshold low
TA = 25°C
0.3 × VCC
V
Input threshold high
TA = 25°C
0.7 × VCC
V
Input hysteresis
0.3
V
Input resistance
TA = 25°C
3
5
7
k
Ω
Output leakage current
±0.05
±10
μA
Output voltage low
IOUT = 0.5 mA
0.1 × VCC
V
Output voltage high
IOUT = –0.5 mA
0.9 × VCC
V
(1)
Typical values are at VCC = 2.5 V, TA = 25°C.
Receiver Section Switching Characteristics
over recommended ranges of supply voltage and operating free-air temperature,
VCC = 2.25 V to 3 V, C1–C4 = 0.1 μF, TA = TMIN to TMAX (unless otherwise noted) (see Figure 4)
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
tPHL
0.175
Receiver propagation delay
RIN to ROUT, CL = 150 pF
μs
tPLH
0.175
|tPHL – tPLH|
Receiver skew(2)
50
ns
(1)
Typical values are at VCC = 2.5 V, TA = 25°C.
(2)
Pulse skew is defined as |tPLH – tPHL| of each channel of the same device.
Auto-Power-Down Plus Section Electrical Characteristics
over recommended ranges of supply voltage and operating free-air temperature,
VCC = 2.25 V to 3 V, C1–C4 = 0.1 μF, TA = TMIN to TMAX (unless otherwise noted) (see Figure 4)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Positive threshold
2.7
Receiver input threshold to INVALID high
V
Negative threshold
–2.7
Receiver input threshold INVALID low
–0.3
0.3
V
INVALID, READY voltage low
IOUT = 0.5 mA
0.1 × VCC
V
INVALID, READY voltage high
IOUT = –0.5 mA
0.8 × VCC
V
Auto-Power-Down Plus Section Switching Characteristics
over recommended ranges of supply voltage and operating free-air temperature,
VCC = 2.25 V to 3 V, C1–C4 = 0.1 μF, TA = TMIN to TMAX (unless otherwise noted) (see Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tINVH
Receiver positive or negative threshold to INVALID high
VCC = 2.5 V
1
μs
tINVL
Receiver positive or negative threshold to INVALID low
VCC = 2.5 V
30
μs
tWU
Receiver or driver edge to driver enabled
VCC = 2.5 V
100
μs
tAUTOPRDN
Receiver or driver edge to driver shutdown
VCC = 2.5 V
15
30
60
s
(1)
Typical values are at VCC = 2.5 V,TA = 25°C.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: MAX3318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com