Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7490 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7490
Description  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7490 Datasheet HTML 7Page - Analog Devices AD7490 Datasheet HTML 8Page - Analog Devices AD7490 Datasheet HTML 9Page - Analog Devices AD7490 Datasheet HTML 10Page - Analog Devices AD7490 Datasheet HTML 11Page - Analog Devices AD7490 Datasheet HTML 12Page - Analog Devices AD7490 Datasheet HTML 13Page - Analog Devices AD7490 Datasheet HTML 14Page - Analog Devices AD7490 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD7490
–11–
REV. A
SHADOW REGISTER
The Shadow Register on the AD7490 is a 16-bit, write-only register. Data is loaded from the DIN Pin of the AD7490 on the falling
edge of SCLK. The data is transferred on the DIN line at the same time as a conversion result is read from the part. This requires 16 serial
falling edges for the data transfer. The information is clocked into the Shadow Register provided the SEQ and Shadow Bits were set to
0, 1 respectively in the previous write to the Control Register. MSB denotes the first bit in the data stream. Each bit represents an
analog input from channel 0 through to channel 15. A sequence of channels may be selected through which the AD7490 will cycle with
each consecutive
CS falling edge after the write to the Shadow Register. To select a sequence of channels, the associated channel bit
must be set for each analog input. The AD7490 will continuously cycle through the selected channels in ascending order, beginning
with the lowest channel, until a write operation occurs (i.e., the WRITE Bit is set to 1) with the SEQ and Shadow Bits configured in
any way except 1, 0 (see Table IV). The bit functions are outlined in Table V.
Table V. Shadow Register Bit Functions
B
S
M
B
S
L
V N
I 0V N
I 1V N
I 2V N
I 3V N
I 4V N
I 5V N
I 6V N
I 7V N
I 8V N
I 9V N
I
0
1V N
I
1
1V N
I
2
1V N
I
3
1V N
I
4
1V N
I
5
1
POWER ON
DUMMY CONVERSIONS
DIN = ALL 1s
DIN: WRITE TO CONTROL REGISTER,
WRITE BIT = 1,
SELECT CODING, RANGE, AND POWER MODE
SELECT CHANNEL A3–A0 FOR CONVERSION,
SEQ = SHADOW = 0
DOUT: CONVERSION RESULT FROM PREVIOUSLY
SELECTED CHANNEL A3–A0
DIN: WRITE TO CONTROL REGISTER,
WRITE BIT = 1,
SELECT CODING, RANGE, AND POWER MODE
SELECT A3–A0 FOR CONVERSION,
SEQ = SHADOW = 0
WRITE BIT = 1,
SEQ = SHADOW = 0
CS
CS
Figure 2. SEQ Bit = 0, SHADOW Bit = 0 Flowchart
Figure 2 reflects the normal operation of a multichannel ADC,
where each serial transfer selects the next channel for conversion.
In this mode of operation, the sequencer function is not used.
Figure 3 shows how to program the AD7490 to continuously con-
vert on a particular sequence of channels. To exit this mode of
operation and revert back to the normal mode of operation of a
multichannel ADC (as outlined in Figure 2), ensure the WRITE
Bit = 1 and the SEQ = SHADOW = 0 on the next serial transfer.
POWER ON
DUMMY CONVERSIONS
DIN = ALL 1s
DIN: WRITE TO CONTROL REGISTER,
WRITE BIT = 1,
SELECT CODING, RANGE, AND POWER MODE
SELECT CHANNEL A3–A0 FOR CONVERSION,
SEQ = 0 SHADOW = 1
DOUT: CONVERSION RESULT FROM PREVIOUSLY
SELECTED CHANNEL A3–A0
DIN: WRITE TO SHADOW REGISTER, SELECTING
WHICH CHANNELS TO CONVERT ON; CHANNELS
SELECTED NEED NOT BE CONSECUTIVE
WRITE BIT = 1,
SEQ = 1,
SHADOW = 0
CONTINUOUSLY
CONVERTS ON THE
SELECTED
SEQUENCE OF
CHANNELS
CONTINUOUSLY
CONVERTS ON THE
SELECTED SEQUENCE
OF CHANNELS BUT
WILL ALLOW RANGE,
CODING, AND SO ON,
TO CHANGE IN THE
CONTROL REGISTER
WITHOUT INTERRUPT-
ING THE SEQUENCE
PROVIDED,
SEQ = 1 SHADOW = 0
WRITE BIT = 0
WRITE BIT = 0
WRITE BIT = 1,
SEQ = 1, SHADOW = 0
WRITE
BIT = 0
CS
CS
CS
Figure 3. SEQ Bit = 0, SHADOW Bit = 1 Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com