Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7490 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7490
Description  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7490 Datasheet HTML 16Page - Analog Devices AD7490 Datasheet HTML 17Page - Analog Devices AD7490 Datasheet HTML 18Page - Analog Devices AD7490 Datasheet HTML 19Page - Analog Devices AD7490 Datasheet HTML 20Page - Analog Devices AD7490 Datasheet HTML 21Page - Analog Devices AD7490 Datasheet HTML 22Page - Analog Devices AD7490 Datasheet HTML 23Page - Analog Devices AD7490 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
–20–
AD7490
REV. A
APPLICATION HINTS
Grounding and Layout
The AD7490 has very good immunity to noise on the power
supplies as can be seen by the PSRR vs. Supply Ripple Frequency
plot, TPC 3. However, care should still be taken with regard to
grounding and layout.
The printed circuit board that houses the AD7490 should be
designed such that the analog and digital sections are separated
and confined to certain areas of the board. This facilitates the
use of ground planes that can be separated easily. A minimum
etch technique is generally best for ground planes as it gives the
best shielding. All three AGND pins of the AD7490 should be
sunk in the AGND plane. Digital and analog ground planes
should be joined at only one place. If the AD7490 is in a system
where multiple devices require an AGND to DGND connection,
the connection should still be made at one point only, a star
ground point which should be established as close as possible to
the AD7490.
Avoid running digital lines under the device as these will couple
noise onto the die. The analog ground plane should be allowed to
run under the AD7490 to avoid noise coupling. The power supply
lines to the AD7490 should use as large a trace as possible to
provide low impedance paths and reduce the effects of glitches on
the power supply line. Fast switching signals like clocks should
be shielded with digital ground to avoid radiating noise to other
sections of the board, and clock signals should never be run near
the analog inputs. Avoid crossover of digital and analog signals.
Traces on opposite sides of the board should run at right angles to
each other. This will reduce the effects of feedthrough through
the board. A microstrip technique is by far the best but is not
always possible with a double-sided board. In this technique, the
component side of the board is dedicated to ground planes
while signals are placed on the solder side.
Good decoupling is also important. All analog supplies should be
decoupled with 10
µF tantalum in parallel with 0.1 µF capacitors
to AGND. To achieve the best from these decoupling components,
they must be placed as close as possible to the device, ideally right
up against the device. The 0.1
µF capacitors should have low
Effective Series Resistance (ESR) and Effective Series Induc-
tance (ESI), such as the common ceramic types or surface mount
types, which provide a low impedance path to ground at high
frequencies to handle transient currents due to internal logic
switching.
PCB Design Guidelines For Chip Scale Package
The lands on the chip scale package (CP-32), are rectangular. The
printed circuit board pad for these should be 0.1 mm longer than
the package land length and 0.05 mm wider than the package
land width. The land should be centered on the pad. This will
ensure that the solder joint size is maximized. The bottom of the
chip scale package has a central thermal pad. The thermal pad
on the printed circuit board should be at least as large as this
exposed pad. On the printed circuit board, there should be a
clearance of at least 0.25 mm between the thermal pad and the
inner edges of the pad pattern. This will ensure that shorting is
avoided. Thermal vias may be used on the printed circuit board
thermal pad to improve thermal performance of the package. If vias
are used, they should be incorporated in the thermal pad at
1.2 mm pitch grid. The via diameter should be between 0.3 mm
and 0.33 mm and the via barrel should be plated with 1 oz. copper
to plug the via. The user should connect the printed circuit
board thermal pad to AGND.
Evaluating the AD7490 Performance
The recommended layout for the AD7490 is outlined in the
evaluation board for the AD7490. The evaluation board package
includes a fully assembled and tested evaluation board, docu-
mentation, and software for controlling the board from the PC
via the EVAL-BOARD CONTROLLER. The EVAL-BOARD
CONTROLLER can be used in conjunction with the AD7490
Evaluation board, as well as many other Analog Devices
evaluation boards ending in the CB designator, to demonstrate/
evaluate the ac and dc performance of the AD7490.
The software allows the user to perform ac (fast Fourier transform)
and dc (histogram of codes) tests on the AD7490. The software and
documentation are on a CD shipped with the evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com