Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5503 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5503
Description  Fixed-Point Digital Signal Processor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5503 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320VC5503 Datasheet HTML 17Page - Texas Instruments TMS320VC5503 Datasheet HTML 18Page - Texas Instruments TMS320VC5503 Datasheet HTML 19Page - Texas Instruments TMS320VC5503 Datasheet HTML 20Page - Texas Instruments TMS320VC5503 Datasheet HTML 21Page - Texas Instruments TMS320VC5503 Datasheet HTML 22Page - Texas Instruments TMS320VC5503 Datasheet HTML 23Page - Texas Instruments TMS320VC5503 Datasheet HTML 24Page - Texas Instruments TMS320VC5503 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 126 page
background image
Introduction
21
April 2004 − Revised January 2008
SPRS245J
Table 2−3. Signal Descriptions (Continued)
TERMINAL
NAME
RESET
CONDITION
BK‡
FUNCTION
I/O/Z†
MULTIPLEXED
SIGNAL NAME
PARALLEL BUS (CONTINUED)
C8
I/O/Z
EMIF byte enable 0 control or HPI byte identification. This pin serves in one
of two functions: EMIF byte enable 0 control (EMIF.BE0) or HPI byte
identification (HPI.HBE0). The initial state of this pin depends on the
GPIO0 pin. See Section 3.5.1 for more information.
GPIO0 = 1:
Output,
EMIF.BE0
EMIF.BE0
O/Z
Active-low EMIF byte enable 0 control. EMIF.BE0 is selected when the
Parallel Port Mode bit field of the External Bus Selection Register is set to
00 or 01.
BK
EMIF.BE0
GPIO0 = 0:
Input,
HPI.HBE0
I
HPI byte identification. This pin, in conjunction with HPI.HBE1, identifies
the first or second byte of the transfer. HPI.HBE0 is selected when the
Parallel Port Mode bit field is set to 10 or 11.
Input,
HPI.HBE0
C9
I/O/Z
EMIF byte enable 1 control or HPI byte identification. This pin serves in one
of two functions: EMIF byte enable 1 control (EMIF.BE1) or HPI byte
identification (HPI.HBE1). The initial state of this pin depends on the
GPIO0 pin. See Section 3.5.1 for more information.
GPIO0 = 1:
Output,
EMIF.BE1
EMIF.BE1
O/Z
Active-low EMIF byte enable 1 control. EMIF.BE1 is selected when the
Parallel Port Mode bit field of the External Bus Selection Register is set to
00 or 01.
BK
EMIF.BE1
GPIO0 = 0:
Input,
HPI.HBE1
I
HPI byte identification. This pin, in conjunction with HPI.HBE0, identifies
the first or second byte of the transfer. HPI.HBE1 is selected when the
Parallel Port Mode bit field is set to 10 or 11.
Input,
HPI.HBE1
C10
I/O/Z
EMIF SDRAM row strobe, HPI address strobe, or general-purpose IO12.
This pin serves in one of three functions: EMIF SDRAM row strobe
(EMIF.SDRAS), HPI address strobe (HPI.HAS), or general-purpose IO12
(GPIO12). The initial state of this pin depends on the GPIO0 pin. See
Section 3.5.1 for more information.
GPIO0 = 1:
Output,
EMIF.SDRAS
O/Z
Active-low EMIF SDRAM row strobe. EMIF.SDRAS is selected when the
Parallel Port Mode bit field of the External Bus Selection Register is set to
00 or 01.
BK
Output,
EMIF.SDRAS
GPIO0 = 0:
HPI.HAS
I
Active-low HPI address strobe. This signal latches the address in the HPIA
register in the HPI Multiplexed mode. HPI.HAS is selected when the
Parallel Port Mode bit field is set to 11.
GPIO0 = 0:
Input,
HPI.HAS
GPIO12
I/O/Z
General-purpose IO12. GPIO12 is selected when the Parallel Port Mode
bit field is set to 10.
† I = Input, O = Output, S = Supply, Hi-Z = High-impedance
‡ BK = bus keeper (the bus keeper maintains the previous voltage level during reset or while the output pin is not driven), PU = pullup,
PD = pulldown, H = hysteresis input buffer, FS = fail-safe buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com