| Electronic Components Datasheet Search |
|
TMS320LC2402APGS Datasheet(PDF) 49 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320LC2402APGS Datasheet(HTML) 49 Page - Texas Instruments |
|
49 / 134 page ![]() TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A DSP CONTROLLERS SPRS145L − JULY 2000 − REVISED SEPTEMBER 2007 49 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 input qualifier circuitry An input-qualifier circuitry qualifies the input signal to the CAP1−6, QEP1−4, XINT1/2, ADCSOC and PDPINTA/B pins in the 240xA devices. (The I/O functions of these pins do not use the input-qualifier circuitry). The state of the internal input signal will change only after the pin is high/low for 6(12) clock edges. This ensures that a glitch smaller than 5(11) CLKOUT cycles wide will not change the internal pin input state. The user must hold the pin high/low for 6(12) cycles to ensure the device will see the level change. Bit 6 of the SCSR2 register controls whether 6 clock edges (bit 6 = 0) or 12 clock edges (bit 6 = 1) are used to block 5- or 11-cycle glitches. On the LC2402A, input qualification is for the CAP1, CAP2, CAP3, PDPINTA, and XINT2/ADCSOC pins. enhanced analog-to-digital converter (ADC) module A simplified functional block diagram of the ADC module is shown in Figure 12. The ADC module consists of a 10-bit ADC with a built-in sample-and-hold (S/H) circuit. Functions of the ADC module include: D 10-bit ADC core with built-in S/H D 16-channel, MUXed inputs D Autosequencing capability provides up to 16 “autoconversions” in a single session. Each conversion can be programmed to select any 1 of 16 input channels D Sequencer can be operated as two independent 8-state sequencers or as one large 16-state sequencer (i.e., two cascaded 8-state sequencers) D Sixteen result registers (individually addressable) to store conversion values − The digital value of the input analog voltage is derived by: Digital Value + 1024 Input Analog Voltage * VREFLO VREFHI * VREFLO Digital Value = 0 Digital Value = 1023 when input ≤ VREFLO when VREFLO < input < VREFHI when input ≥ VREFHI Note: All fractional values are truncated. D Multiple triggers as sources for the start-of-conversion (SOC) sequence − S/W − software immediate start − EVA − Event manager A (multiple event sources within EVA) − EVB − Event manager B (multiple event sources within EVB) − Ext − External pin (ADCSOC) D Flexible interrupt control allows interrupt request on every end-of-sequence (EOS) or every other EOS D Sequencer can operate in “start/stop” mode, allowing multiple “time-sequenced triggers” to synchronize conversions D EVA and EVB triggers can operate independently in dual-sequencer mode D Sample-and-hold (S/H) acquisition time window has separate prescale control NOTE: The calibration and self-test features are not present in 240xA devices. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |