Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2802 Datasheet(PDF) 4 Page - Microchip Technology

Part # HV2802
Description  Low Harmonic Distortion, 32-Channel SPST
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2802 Datasheet(HTML) 4 Page - Microchip Technology

  HV2802 Datasheet HTML 1Page - Microchip Technology HV2802 Datasheet HTML 2Page - Microchip Technology HV2802 Datasheet HTML 3Page - Microchip Technology HV2802 Datasheet HTML 4Page - Microchip Technology HV2802 Datasheet HTML 5Page - Microchip Technology HV2802 Datasheet HTML 6Page - Microchip Technology HV2802 Datasheet HTML 7Page - Microchip Technology HV2802 Datasheet HTML 8Page - Microchip Technology HV2802 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
HV2802/HV2902
DS20005449A-page 4
 2015 Microchip Technology Inc.
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications:
Unless otherwise specified, VDD = 5.0V, VPP = +100V, VNN = -100V, Specification at 0°C
and 70°C based on characterization and not 100% tested.
Parameters
Symbol
0°C
+25°C
+70°C
Units
Conditions
Min. Max. Min. Typ. Max. Min. Max.
Small Signal Switch
ON-Resistance
RONS
—30
—
26
38
—
48
ISIG =5.0 mA,
VPP =+40V, VNN = -160V
—25
—
22
27
—
32
ISIG = 200 mA,
VPP =+40V, VNN = -160V
—25
—
22
27
—
30
ISIG =5.0 mA,
VPP =+100V, VNN = -100V
—18
—
18
24
—
27
ISIG = 200 mA,
VPP =+100V, VNN = -100V
—23
—
20
25
—
30
ISIG =5.0 mA,
VPP =+160V, VNN = -40V
—22
—
16
25
—
27
ISIG = 200 mA,
VPP =+160V, VNN = -40V
Small Signal Switch
ON-Resistance
Matching
RONS
—20
—
5
20—
20
%
ISIG =5.0 mA,
VPP =+100V, VNN = -100V
Large Signal Switch
ON-Resistance
(Note 1)
RONL
——
—
15
—
—
—
VSIG =VPP -10V, ISIG =1A
Value of Output Bleed
Resistor
RINT
—
—
20
35
50
—
—
k
Output switch to RGND
IRINT =0.5 mA
Switch off Leakage
per Switch
ISOL
—5—
1
10
—
15
µA
VSIG =VPP -10V, VNN +10V
Switch DC Offset
VOS
—
300
—
100
300
—
300
mV
Switch OFF,
RLOAD = 100 kfor HV2802
No load for HV2902
—
500
—
100
500
—
500
Switch ON
RLOAD = 100 kfor HV2802
No load for HV2902
Quiescent VPP Supply
Current
IPPQ
—
—
—
10
50
—
—
µA
All switches off
Quiescent VNN Supply
Current
INNQ
——
—
10
50
—
—
Quiescent VPP Supply
Current
IPPQ
—
—
—
10
50
—
—
µA
All switches on,
ISW =5.0 mA
Quiescent VNN Supply
Current
INNQ
——
—
10
50
—
—
Switch Output Peak
Current (Note 1)
ISW
——
2
3
——
—
A
VSIG duty cycle < 0.1%
Output Switching
Frequency (Note 1)
fSW
——
——
50
—
—
kHz Duty cycle = 50%
Note 1:
Specification is obtained by characterization and is not 100% tested.
2:
Design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com