Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2802 Datasheet(PDF) 14 Page - Microchip Technology

Part # HV2802
Description  Low Harmonic Distortion, 32-Channel SPST
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2802 Datasheet(HTML) 14 Page - Microchip Technology

Back Button HV2802 Datasheet HTML 10Page - Microchip Technology HV2802 Datasheet HTML 11Page - Microchip Technology HV2802 Datasheet HTML 12Page - Microchip Technology HV2802 Datasheet HTML 13Page - Microchip Technology HV2802 Datasheet HTML 14Page - Microchip Technology HV2802 Datasheet HTML 15Page - Microchip Technology HV2802 Datasheet HTML 16Page - Microchip Technology HV2802 Datasheet HTML 17Page - Microchip Technology HV2802 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
HV2802/HV2902
DS20005449A-page 14
 2015 Microchip Technology Inc.
4.0
DETAILED DESCRIPTION AND
APPLICATION INFORMATION
The high-voltage analog switches are used for
multiplexing a piezoelectric transducer array in a probe
to multiple channel transmitters (Tx) arrays in a medical
ultrasound system.
Figure 4-1 shows a typical medical ultrasound image
system comprising 64-channels of transmit pulsers,
64-channels of receivers (LNA and ADC) and
64-channels of T/R switches connecting to 192
elements of an ultrasound transducer probe via a
high-voltage analog switch array.
FIGURE 4-1:
Typical Medical Ultrasound Imaging System.
The HV2802/HV2902 devices are comprised of two
main circuitries:
• A low-power CMOS digital serial interface
powered by VDD to control the high-voltage
analog switches
• High-voltage bilateral analog switch.
High-voltage supplies VPP and VNN are needed by the
high-voltage level translation circuitry to control the
states of the output high-voltage analog switches. In
addition, each high-voltage analog switch can be
independently controlled because each switch is
controlled via a corresponding latch. A 32-bit shift
register and 32 latches allow the user to serially load
data into the registers, and after completion, to load the
data onto the latches that control the states of the
high-voltage analog switches.
The HV2802/HV2902 have a digital serial interface
consisting of logic signals, Data In (DIN), Clock (CLK),
Data Out (DOUT), Latch Enable (LE) and Clear (CLR).
The digital circuits are supplied by VDD and either a
3.3V or a 5V logic can be used. With a VDD = 5V supply,
the serial clock frequency can operate up to 20 MHz.
The data is shifted into the shift registers on the rising
edge (low-to-high transition) of the clock. The switch
configuration bit of SW31 is shifted in first and the
switch configuration bit of SW0 is shifted in last. To
avoid clock feedthrough, the latch enable input (LE)
should remain high while the 32-bit data-in signal is
shifted into the 32-bit register. After the valid 32-bit data
complete shifting into the shift registers, the high-to-low
transition of the LE signal transfers the contents of the
shift register into the latches. Finally, setting the LE high
again allows all the latches to keep the current state,
while new data can now be shifted into the shift
registers without upsetting the latches.
It is recommended to change all the latch states at the
same time through this method to avoid possible clock
feedthrough noise. See Figure 4-2 for details.
ADC
ADC
ADC
FPGA Ctrl Logic
VIDEO
CPU
MEMORY
Tx
Rx
T/R
Switch
T/R
Switch
Rx
Tx
Tx
Rx
T/R
Switch
CH64
CH2
CH1
PZT Array
HV 2XXX SW Array
Tx / Rx Array
E1
E65
E192
E128
E129
E2
E66
E130
E64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com