Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2221 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP2221
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP2221 Datasheet HTML 8Page - Microchip Technology MCP2221 Datasheet HTML 9Page - Microchip Technology MCP2221 Datasheet HTML 10Page - Microchip Technology MCP2221 Datasheet HTML 11Page - Microchip Technology MCP2221 Datasheet HTML 12Page - Microchip Technology MCP2221 Datasheet HTML 13Page - Microchip Technology MCP2221 Datasheet HTML 14Page - Microchip Technology MCP2221 Datasheet HTML 15Page - Microchip Technology MCP2221 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
MCP2221
DS20005292B-page 12
 2015 Microchip Technology Inc.
1.4.3
GP SETTINGS MAP
The GP Settings area resides in Flash memory and is
copied into SRAM at run time. The user can alter both
the Flash and the SRAM GP settings. Any modification
in the SRAM copy of the GP settings will have an
immediate effect. The GP pins designation changes
according to the new content of the SRAM settings.
The Flash variant of the settings will affect the
Power-Up behavior of the GP pins.
TABLE 1-4:
GP SETTINGS MAP
Byte
Index
Register
Name
Comments
0
GPSETTING0 GP0 pin designation and GPIO default output value, when GP is set for GPIO output operation
1
GPSETTING1 GP1 pin designation and GPIO default output value, when GP is set for GPIO output operation
2
GPSETTING2 GP2 pin designation and GPIO default output value, when GP is set for GPIO output operation
3
GPSETTING3 GP3 pin designation and GPIO default output value, when GP is set for GPIO output operation
REGISTER 1-12:
GPSETTING0 REGISTER
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-0
GPIOOUTVAL
GPIODIR
GPDES2
GPDES1
GPDES0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Reserved: Set to ‘0’
bit 4
GPIOOUTVAL: GPIO Output Value (valid only when GP0 is set for GPIO output operation)
1 = Default output value is logic ‘1’ (factory default)
0 = Default output value is logic ‘0’
bit 3
GPIODIR: GPIO Direction (input or output; valid only when GP0 is set for GPIO operation)
1 = GPIO Input
0 = GPIO Output (factory default)
bit 2-0
GPDES<2:0>: GP0 Designation
111 = Reserved
110 = Reserved
101 = Reserved
100 = Reserved
011 = Reserved
010 = Alternate function 0 (LED UART RX – LEDURX) (factory default)
001 = Dedicated function operation (SSPND)
000 = GPIO operation (GPIO0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com