Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2221 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP2221
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP2221 Datasheet HTML 10Page - Microchip Technology MCP2221 Datasheet HTML 11Page - Microchip Technology MCP2221 Datasheet HTML 12Page - Microchip Technology MCP2221 Datasheet HTML 13Page - Microchip Technology MCP2221 Datasheet HTML 14Page - Microchip Technology MCP2221 Datasheet HTML 15Page - Microchip Technology MCP2221 Datasheet HTML 16Page - Microchip Technology MCP2221 Datasheet HTML 17Page - Microchip Technology MCP2221 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
MCP2221
DS20005292B-page 14
 2015 Microchip Technology Inc.
REGISTER 1-14:
GPSETTING2 REGISTER
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-1
GPIOOUTVAL
GPIODIR
GPDES2
GPDES1
GPDES0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Reserved: Set to ‘0’
bit 4
GPIOOUTVAL: GPIO Output Value (valid only when GP2 is set for GPIO output operation)
1 = Default output value is logic ‘1’ (factory default)
0 = Default output value is logic ‘0’
bit 3
GPIODIR: GPIO Direction (input or output; valid only when GP2 is set for GPIO operation)
1 = GPIO Input
0 = GPIO Output (factory default)
bit 2-0
GPDES<2:0>: GP2 Designation
111 = Reserved
110 = Reserved
101 = Reserved
100 = Reserved
011 = Alternate function 1 (DAC1)
010 = Alternate function 0 (ADC2)
001 = Dedicated function operation (USBCFG) (factory default)
000 = GPIO operation (GPIO2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com