Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1406-E/SN Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1406-E/SN
Description  6A High-Speed Power MOSFET Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1406-E/SN Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1406-E/SN Datasheet HTML 3Page - Microchip Technology MCP1406-E/SN Datasheet HTML 4Page - Microchip Technology MCP1406-E/SN Datasheet HTML 5Page - Microchip Technology MCP1406-E/SN Datasheet HTML 6Page - Microchip Technology MCP1406-E/SN Datasheet HTML 7Page - Microchip Technology MCP1406-E/SN Datasheet HTML 8Page - Microchip Technology MCP1406-E/SN Datasheet HTML 9Page - Microchip Technology MCP1406-E/SN Datasheet HTML 10Page - Microchip Technology MCP1406-E/SN Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
 2006-2016 Microchip Technology Inc.
DS20002019C-page 7
MCP1406/07
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C with 4.5V VDD 18V.
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Rise Time vs. Capacitive
Load.
FIGURE 2-3:
Rise and Fall Times vs.
Temperature.
FIGURE 2-4:
Fall Time vs. Supply
Voltage.
FIGURE 2-5:
Fall Time vs. Capacitive
Load.
FIGURE 2-6:
Propagation Delay vs.
Supply Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
20
40
60
80
100
120
4
6
8
1012141618
Supply Voltage (V)
100 pF
4,700 pF
1,000 pF
6,800 pF
2,500 pF
10,000 pF
8,200 pF
0
10
20
30
40
50
60
70
80
100
1000
10000
Capacitive Load (pF)
5V
15V
10V
0
5
10
15
20
25
30
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (
oC)
VDD = 18V
tRISE
tFALL
0
10
20
30
40
50
60
70
80
4
6
8
101214
1618
Supply Voltage (V)
100 pF
4,700 pF
1,000 pF
6,800 pF
2,500 pF
10,000 pF
8,200 pF
0
10
20
30
40
50
60
70
100
1000
10000
Capacitive Load (pF)
5V
15V
10V
35
45
55
65
75
85
4
6
8
10
12
14
16
18
Supply Voltage (V)
VIN = 5V
tD1
tD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com