Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1406-E/SN Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1406-E/SN
Description  6A High-Speed Power MOSFET Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1406-E/SN Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1406-E/SN Datasheet HTML 4Page - Microchip Technology MCP1406-E/SN Datasheet HTML 5Page - Microchip Technology MCP1406-E/SN Datasheet HTML 6Page - Microchip Technology MCP1406-E/SN Datasheet HTML 7Page - Microchip Technology MCP1406-E/SN Datasheet HTML 8Page - Microchip Technology MCP1406-E/SN Datasheet HTML 9Page - Microchip Technology MCP1406-E/SN Datasheet HTML 10Page - Microchip Technology MCP1406-E/SN Datasheet HTML 11Page - Microchip Technology MCP1406-E/SN Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MCP1406/07
DS20002019C-page 8
 2006-2016 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C with 4.5V VDD  18V.
FIGURE 2-7:
Propagation Delay Time vs.
Input Amplitude.
FIGURE 2-8:
Propagation Delay Time vs.
Temperature.
FIGURE 2-9:
Quiescent Current vs.
Supply Voltage.
FIGURE 2-10:
Quiescent Current vs.
Temperature.
FIGURE 2-11:
Input Threshold vs. Supply
Voltage.
FIGURE 2-12:
Input Threshold vs.
Temperature.
25
50
75
100
125
150
175
200
2
3
4
567
89
10
Input Amplitude (V)
VDD = 12V
tD1
tD2
30
35
40
45
50
55
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (
oC)
VDD = 18V
VIN = 5V
tD1
tD2
0
20
40
60
80
100
120
140
160
180
4
6
8
10
12
14
16
18
Supply Voltage (V)
INPUT = 1
INPUT = 0
0
50
100
150
200
250
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (
oC)
Input = Low
VDD = 18V
Input = High
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
4
6
8
1012141618
Supply Voltage (V)
VHI
VLO
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (
oC)
VDD = 12V
VHI
VLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com