Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7360 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV7360
Description  High-Speed 짹100V 2.5A Two-or-Three-Level Ultrasound Pulsers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7360 Datasheet(HTML) 5 Page - Microchip Technology

  HV7360 Datasheet HTML 1Page - Microchip Technology HV7360 Datasheet HTML 2Page - Microchip Technology HV7360 Datasheet HTML 3Page - Microchip Technology HV7360 Datasheet HTML 4Page - Microchip Technology HV7360 Datasheet HTML 5Page - Microchip Technology HV7360 Datasheet HTML 6Page - Microchip Technology HV7360 Datasheet HTML 7Page - Microchip Technology HV7360 Datasheet HTML 8Page - Microchip Technology HV7360 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005570A-page 5
HV7360/HV7361
Change in VGS(th) with Temperature
∆VGS(th)
—
—
–4.5
mV/°C VGS = VDS, ID = 1 mA
Gate-to-source Shunt Resistor
RGS
10
—
50
kΩ
IGS = 100 µA
Gate-to-source Zener Voltage
VZGS
13.2
—
25
V
IGS = 2 mA
Zero Gate Voltage Drain Current
IDSS
—
—
10
μA
VDS = Maximum rating, 
VGS = 0V
—
—
1
mA
VDS = 0.8 maximum rating,
VGS = 0V, TA = 125°C
ON-state Drain Current
ID(ON)
1.3
—
—
A
VGS = 5V, VDS = 25V
2.3
2.5
—
VGS = 10V, VDS = 50V
StaticDrain-to-sourceON-state
Resistance
RDS(ON)
—
—
6.5
Ω
VGS = 5V, ID = 150 mA
—
—
6
VGS = 10V, ID = 1A
Change in RDS(ON) with Temperature
∆RDS(ON)
—
—
1
%/°C
VGS = 10V, ID = 1A
AC PARAMETERS
Forward Transconductance
GFS
400
—
—
mmho VDS = 25V, ID = 500 mA
Input Capacitance
CISS
—
56
—
pF
VGS = 0V,
VDS = 25V,
f = 1 MHz
Common Source Output Capacitance
COSS
—
13
—
Reverse Transfer Capacitance
CRSS
—
2
—
DIODE PARAMETERS
Diode Forward Voltage Drop
VSBD
—
—
1.8
V
VGS = 0V, ISD = 500 mA
Reverse Recovery Time of Body Diode
trrBD
—
300
—
ns
HV7631 T/R SWITCH CHARACTERISTICS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Breakdown Voltage from XDCR to Rx
BVA-B
±130
—
—
V
IA-B = ±1 mA
Switch-on Resistance from XDCR to Rx
RSW
—
15
—
Ω
IA-B = ±5 mA
VA-B Trip Point to Turn Off
VTRIP
—
±1
±2
V
Switch Turn-off Voltage
VOFF
—
±2
—
V
IA-B = ±1 mA
Switch-off Current
IA-B(OFF)
—
±200 ±300
µA
VA-B = ±130V
Peak Switching Current
IPEAK
—
±60
—
mA
Turn-off Time
TOFF
—
—
20
ns
Turn-on Time
TON
—
—
20
ns
Switch-on Capacitance from A to B or
B to A
CSW(ON)
—
21
—
pF
SW = On
Switch-off Capacitance from A to B or
B to A
CSW(OFF)
—
15
—
pF
VSW = 25V
Small Signal Bandwidth
BW
—
100
—
MHz
RLOAD = 50Ω
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: GND = 0V, VH = VDD = +10V, VL = VSS = 0V, VPE = 3.3V, VPP = +100V, VNN = –100V,
TA = 25°C unless otherwise specified.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com