Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7360 Datasheet(PDF) 13 Page - Microchip Technology

Part # HV7360
Description  High-Speed 짹100V 2.5A Two-or-Three-Level Ultrasound Pulsers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7360 Datasheet(HTML) 13 Page - Microchip Technology

Back Button HV7360 Datasheet HTML 9Page - Microchip Technology HV7360 Datasheet HTML 10Page - Microchip Technology HV7360 Datasheet HTML 11Page - Microchip Technology HV7360 Datasheet HTML 12Page - Microchip Technology HV7360 Datasheet HTML 13Page - Microchip Technology HV7360 Datasheet HTML 14Page - Microchip Technology HV7360 Datasheet HTML 15Page - Microchip Technology HV7360 Datasheet HTML 16Page - Microchip Technology HV7360 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Contact Pad Spacing
Contact Pitch
MILLIMETERS
0.50 BSC
MIN
E
MAX
6.50
Contact Pad Diameter (X22)
X
0.25
Microchip Technology Drawing C04-2414A
NOM
22-Ball Chip Array Ball Grid Array (JY) - 5x7 mm Body [CABGA]
SILK SCREEN
C1
Contact Pad Spacing
4.00
Contact Pad to Contact Pad
G
0.20
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
C2
C1
E
E
ØX
G
G
 2016 Microchip Technology Inc.
DS20005570A-page 13
HV7360/HV7361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com