Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2601 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV2601
Description  Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2601 Datasheet(HTML) 5 Page - Microchip Technology

  HV2601 Datasheet HTML 1Page - Microchip Technology HV2601 Datasheet HTML 2Page - Microchip Technology HV2601 Datasheet HTML 3Page - Microchip Technology HV2601 Datasheet HTML 4Page - Microchip Technology HV2601 Datasheet HTML 5Page - Microchip Technology HV2601 Datasheet HTML 6Page - Microchip Technology HV2601 Datasheet HTML 7Page - Microchip Technology HV2601 Datasheet HTML 8Page - Microchip Technology HV2601 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 2015-2016 Microchip Technology Inc.
DS20005391B-page 5
HV2601 / HV2701
Note 1: See Figure 3-1.
Quiescent VDD
supply current
IDDQ
-
10
-
-
10
-
10
µA
All logic inputs are static
Data out source
current
ISOR
0.45
-
0.45
0.70
-
0.40
-
mA VOUT= VDD- 0.7V
Data out sink current
ISINK
0.45
-
0.45
0.70
-
0.40
-
mA VOUT= 0.7V
Logic input
capacitance
CIN
-10-
-10-10
pF
–
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Over recommended operating conditions unless otherwise noted.
Parameter
Symbol
0°C
25°C
70°C
Units Conditions
Min
Max
Min
Typ
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com