Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2601 Datasheet(PDF) 13 Page - Microchip Technology

Part # HV2601
Description  Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2601 Datasheet(HTML) 13 Page - Microchip Technology

Back Button HV2601 Datasheet HTML 9Page - Microchip Technology HV2601 Datasheet HTML 10Page - Microchip Technology HV2601 Datasheet HTML 11Page - Microchip Technology HV2601 Datasheet HTML 12Page - Microchip Technology HV2601 Datasheet HTML 13Page - Microchip Technology HV2601 Datasheet HTML 14Page - Microchip Technology HV2601 Datasheet HTML 15Page - Microchip Technology HV2601 Datasheet HTML 16Page - Microchip Technology HV2601 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
 2015-2016 Microchip Technology Inc.
DS20005391B-page 13
HV2601 / HV2701
Note:
For more information about ball coordinates, contact Microchip sales.
42-Ball Bumped Die Package Outline (BD)
5.29x5.30mm body, 1.0 mm height (max), 0.52 / 0.60mm pitch
Symbol
A
A1
A2
b
D
D1
E
E1
E2
e
e1
Dimension
(mm)
MIN
0.9
0.21
0.
0.29
5.19
4.20
BSC
5.20
4.04
BSC
0.68
BSC
0.60
BSC
0.52
BSC
NOM
0.9 5
0.24
0.7
0.32
5.29
5.30
MAX
1.0
0.27
0.7
0.35
5.39
5.40
Top View
View B
Side View
A2
A1
Seating
Plane
View A
View B
Bottom View
D
View A
b
E
A
Note 1
(Ball 1
Index Area
D/4 x E/4)
0,0
E1
e1
E2
e
D1
e
e1
e1
e
C/L
C/L
1
42
1
42
Notes:
1.
printed indicator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com