Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1428 Datasheet(PDF) 10 Page - Microchip Technology

Part # EMC1428
Description  1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1428 Datasheet(HTML) 10 Page - Microchip Technology

Back Button EMC1428 Datasheet HTML 6Page - Microchip Technology EMC1428 Datasheet HTML 7Page - Microchip Technology EMC1428 Datasheet HTML 8Page - Microchip Technology EMC1428 Datasheet HTML 9Page - Microchip Technology EMC1428 Datasheet HTML 10Page - Microchip Technology EMC1428 Datasheet HTML 11Page - Microchip Technology EMC1428 Datasheet HTML 12Page - Microchip Technology EMC1428 Datasheet HTML 13Page - Microchip Technology EMC1428 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
Data Sheet
DS20005275A-page 10
 2014 Microchip Technology Inc.
Note 2.2
If a 1% resistor is used for RSET, then it is guaranteed to decode as shown in Table 4.1.
Supply Current
IDD
450
600
uA
1 conversion / sec, dynamic
averaging disabled
Supply Current
IDD
900
1200
uA
4 conversions / sec, dynamic
averaging enabled
Internal Temperature Monitor
Temperature Accuracy
±0.25
±1
°C
0°C < TA < 100°C
±2
°C
-40°C < TA < 125°C
Temperature Resolution
0.125
°C
External Temperature Monitor
Temperature Accuracy
±0.25
±1
°C
+40°C < TDIODE < +110°C
0°C < TA < 110°C
±0.5
±2
°C
-40°C < TDIODE < 127°C
Temperature Resolution
0.125
°C
Conversion Time all
Channels
tCONV
190
ms
default settings
Capacitive Filter
CFILTER
2.2
2.7
nF
Connected across external diode
Resistance Error
Correction
RSERIES
100
In series with DP and DN lines
TRIP_SET Measurement
Decoded Temperature
Accuracy
TSET
0.5
°C
RSET = 1% resistor
(see Note 2.2)
ALERT and SYS_SHDN pins
Output Low Voltage
VOL
0.4
V
ISINK = 8mA
Leakage Current
ILEAK
±5
uA
powered or unpowered
TA < 85°C
pull-up voltage < 3.6V
Power Up Timing
First conversion ready
tCONV_f
300
ms
Time after power up before all
channels updated with valid data
SMBus delay
tSMB_d
15
ms
Delay before SMBus
communications should be sent by
host
Table 2.2 Electrical Specifications (continued)
VDD = 3.0V to 3.6V, TA = -40°C to 125°C, all typical values at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com