Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1428 Datasheet(PDF) 20 Page - Microchip Technology

Part # EMC1428
Description  1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1428 Datasheet(HTML) 20 Page - Microchip Technology

Back Button EMC1428 Datasheet HTML 16Page - Microchip Technology EMC1428 Datasheet HTML 17Page - Microchip Technology EMC1428 Datasheet HTML 18Page - Microchip Technology EMC1428 Datasheet HTML 19Page - Microchip Technology EMC1428 Datasheet HTML 20Page - Microchip Technology EMC1428 Datasheet HTML 21Page - Microchip Technology EMC1428 Datasheet HTML 22Page - Microchip Technology EMC1428 Datasheet HTML 23Page - Microchip Technology EMC1428 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
Data Sheet
DS20005275A-page 20
 2014 Microchip Technology Inc.
4.5.1
Resistance Error Correction
The EMC1428 includes active Resistance Error Correction to remove the effect of up to 100 ohms of
series resistance. Without this automatic feature, voltage developed across the parasitic resistance in
the remote diode path causes the temperature to read higher than the true temperature is. The error
induced by parasitic resistance is approximately +0.7°C per ohm. Sources of series resistance include
bulk resistance in the remote temperature transistor junctions, series resistance in the CPU, and
resistance in the printed circuit board traces and package leads. Resistance error correction in the
EMC1428 eliminates the need to characterize and compensate for parasitic resistance in the remote
diode path.
4.5.2
Beta Compensation
The forward current gain, or beta, of a transistor is not constant as emitter currents change. As well,
it is not constant over changes in temperature. The variation in beta causes an error in temperature
reading that is proportional to absolute temperature. Compensating for this error is also known as
implementing the BJT or transistor model for temperature measurement.
For discrete transistors configured with the collector and base shorted together, the beta is generally
sufficiently high such that the percent change in beta variation is very small. For example, a 10%
variation in beta for two forced emitter currents with a transistor whose ideal beta is 50 would contribute
approximately 0.25°C error at 100°C. However for substrate transistors where the base-emitter junction
is used for temperature measurement and the collector is tied to the substrate, the proportional beta
variation will cause large error. For example, a 10% variation in beta for two forced emitter currents
with a transistor whose ideal beta is 0.5 would contribute approximately 8.25°C error at 100°C.
The Beta Compensation circuitry in the EMC1428 corrects for this beta variation to eliminate any error
which would normally be induced. It automatically detects the appropriate beta setting to use.
4.5.3
Digital Averaging
To reduce the effect of noise and temperature spikes on the reported temperature, all of the external
diode channels use digital averaging. This averaging acts as a running average using the previous four
measured values.
The default setting is to have digital averaging disabled for all channels. It can be enabled for each
channel individually by the Filter Control Register (see Section 5.24).
4.5.4
“Hottest Of” Comparison
At the end of every measurement cycle, the EMC1428 compares all of the user selectable External
Diode channels to determine which of these channels is reporting the hottest temperature. The hottest
temperature is stored in the Hottest Temperature Registers and the appropriate status bit in the Hottest
Status Register is set. As an optional feature, the EMC1428 can also flag an event if the hottest
temperature channel changes. For example, suppose that External Diode channels 1, 3, and 4 are
programmed to be compared in the “Hottest Of” Comparison. If the External Diode 1 channel reports
the hottest temperature of the three, its temperature is copied into the Hottest Temperature Registers
(in addition to the External Diode 1 Temperature registers) and it is flagged in the Hottest Status bit.
If, on the next measurement, the External Diode 3 channel temperature has increased such that it is
now the hottest temperature, the EMC1428 can flag this event as an interrupt condition and assert the
ALERT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com