Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1403 Datasheet(PDF) 8 Page - Microchip Technology

Part # EMC1403
Description  1째C Temperature Sensor with Beta Compensation
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1403 Datasheet(HTML) 8 Page - Microchip Technology

Back Button EMC1403 Datasheet HTML 4Page - Microchip Technology EMC1403 Datasheet HTML 5Page - Microchip Technology EMC1403 Datasheet HTML 6Page - Microchip Technology EMC1403 Datasheet HTML 7Page - Microchip Technology EMC1403 Datasheet HTML 8Page - Microchip Technology EMC1403 Datasheet HTML 9Page - Microchip Technology EMC1403 Datasheet HTML 10Page - Microchip Technology EMC1403 Datasheet HTML 11Page - Microchip Technology EMC1403 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
1°C Temperature Sensor with Beta Compensation
Data Sheet
DS20005272A-page 8
 2014 Microchip Technology Inc.
Note 1.1
External 2 and external 3 channels have beta configuration hard wired to ‘0111b’ and REC
enabled.
EMC1403 - 1 -
AIA
1001_100xb
2
Detect Diode w/ REC
enabled
Detect Diode w/ REC
enabled
Software program-
mable and mas-
kable High Limits
Software program-
mable THERM
Limits
21h
EMC1403 - 2 -
AIA
1001_101xb
EMC1403 - 3 -
AIA
0011_000xb
EMC1403 - 4 -
AIA
0101_001xb
EMC1403 - 1 -
YZT
1001_100xb
2
Detect Diode w/ REC
enabled
Detect Diode w/ REC
enabled
Software program-
mable and mas-
kable High Limits
Software program-
mable THERM
Limits
21h
EMC1403 - 2 -
YZT
1001_101xb
EMC1403 - 3 -
YZT
0011_000xb
EMC1403 - 4 -
YZT
0101_001xb
EMC1404 - 1
1001_100xb
3
Detect Diode w/ REC
enabled
Fixed 2N3904 in anti-
parallel diode configu-
ration
Note 1.1
Software program-
mable and mas-
kable High Limits
Software program-
mable THERM
Limits
25h
EMC1404 - 2
1001_101xb
EMC1404 - 3
0011_000xb
EMC1404 - 4
0101_001xb
Table 1.1 Part Selection (continued)
PART
NUMBER
SMBUS
ADDRESS
FUNCTIONALITY
PRODUCT
ID
EXTERNAL
DIODES
DIODE 1
DEFAULT
CONFIGURATION
DIODE 2
DEFAULT
CONFIGURATION
OTHER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com