Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1403 Datasheet(PDF) 1 Page - Microchip Technology

Part # EMC1403
Description  1째C Temperature Sensor with Beta Compensation
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1403 Datasheet(HTML) 1 Page - Microchip Technology

  EMC1403 Datasheet HTML 1Page - Microchip Technology EMC1403 Datasheet HTML 2Page - Microchip Technology EMC1403 Datasheet HTML 3Page - Microchip Technology EMC1403 Datasheet HTML 4Page - Microchip Technology EMC1403 Datasheet HTML 5Page - Microchip Technology EMC1403 Datasheet HTML 6Page - Microchip Technology EMC1403 Datasheet HTML 7Page - Microchip Technology EMC1403 Datasheet HTML 8Page - Microchip Technology EMC1403 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
 2014 Microchip Technology Inc.
DS20005272A-page 1
Data Sheet
PRODUCT FEATURES
EMC1403/EMC1404
1°C Temperature Sensor with Beta Compensation
General Description
The EMC1403 and EMC1404 are high accuracy, low
cost, System Management Bus (SMBus) temperature
sensors. Advanced features such as Resistance Error
Correction (REC), Beta Compensation (to support CPU
diodes requiring the BJT/transistor model including
45nm, 65nm and 90nm processors) and automatic
diode type detection combine to provide a robust
solution for complex environmental monitoring
applications.
Each device provides ±1° accuracy for external diode
temperatures and ±2°C accuracy for the internal diode
temperature. The EMC1403 monitors three temperature
channels (two external and one internal). The EMC1404
monitors four temperature channels (three external and
one internal).
Resistance Error Correction automatically eliminates the
temperature error caused by series resistance allowing
greater flexibility in routing thermal diodes. Beta
Compensation eliminates temperature errors caused by
low, variable beta transistors common in today's fine
geometry processors. The automatic beta detection
feature monitors each external diode/transistor and
determines the optimum sensor settings for accurate
temperature measurements regardless of processor
technology. This frees the user from providing unique
sensor configurations for each temperature monitoring
application. These advanced features plus ±1°C
measurement accuracy provide a low-cost, highly
flexible and accurate solution for critical temperature
monitoring applications.
Applications
Notebook Computers
Desktop Computers
Industrial
Embedded applications
Features
Support for diodes requiring the BJT/transistor model
— supports 45nm, 65nm, and 90nm CPU thermal diodes.
Automatically determines external diode type and
optimal settings
Resistance Error Correction
External Temperature Monitors
— ±1°C Accuracy (60°C < TDIODE < 100°C)
— 0.125°C Resolution
— Anti-parallel diodes for extra diode support
Internal Temperature Monitor
— ±2°C accuracy
3.3V Supply Voltage
Programmable temperature limits for ALERT and
THERM
Available in these RoHS Compliant Packages
— 10-pin 3mm x 3mm DFN
— 10-pin MSOP
— 14-pin SOIC


Similar Part No. - EMC1403

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
1째C Temperature Sensor with Beta Compensation
EMC1403-1-AIZL-TR SMSC-EMC1403-1-AIZL-TR Datasheet
728Kb / 42P
1째C Temperature Sensor with Beta Compensation
More results

Similar Description - EMC1403

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1043 SMSC-EMC1043 Datasheet
574Kb / 28P
1째C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
1째C Temperature Sensor with Beta Compensation
EMC1046 SMSC-EMC1046 Datasheet
574Kb / 36P
1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
EMC1413 MICROCHIP-EMC1413_14 Datasheet
1Mb / 54P
Multiple Channel 1째C Temperature Sensors with Beta Compensation
10/28/13
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1184 MICROCHIP-EMC1184 Datasheet
547Kb / 48P
Quad Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
EMC1182 MICROCHIP-EMC1182 Datasheet
565Kb / 48P
Dual Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com