Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS34N02 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS34N02
Description  30V(D-S) N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS34N02 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS34N02 Datasheet HTML 1Page - Bruckewell Technology LTD MS34N02 Datasheet HTML 2Page - Bruckewell Technology LTD MS34N02 Datasheet HTML 3Page - Bruckewell Technology LTD MS34N02 Datasheet HTML 4Page - Bruckewell Technology LTD MS34N02 Datasheet HTML 5Page - Bruckewell Technology LTD MS34N02 Datasheet HTML 6Page - Bruckewell Technology LTD MS34N02 Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MS34N02
30V(D-S) N-Channel Enhancement Mode Power MOSFET
Publication Order Number: [MS34N02]
© Bruckewell Technology Corporation Rev. A -2016
Package Marking And Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
MSN3402
SOT-23
Ø 180mm
8 mm
3000 units
Absolute Maximum Ratings (TA=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±12
V
ID
Drain Current-Continuous
3
A
IDM
Drain Current-Pulsed (Note 1)
20
A
PD
Maximum Power Dissipation
0.9
W
TJ/TSTG
Operating Junction and Storage Temperature Range
-55 to +150
°C
Thermal Characteristic
Symbol
Parameter
Maximum
Units
RθJA
Thermal Resistance,Junction-to-Ambient (Note 2)
138
°C/W
Electrical Characteristics (TA=25°C unless otherwise noted)
Off Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VDS = 0 V, ID = 250μA
30
-
V
IGSS
Gate-Body Leakage
VDS = 0 V , VGS = ±20 V
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS = 20 V , VGS = 0 V
1
μA
On Characteristics (Note 3)
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
VGS(th)
Gate-Threshold Voltage
VDS = VGS, ID = -250μA
1
1.5
3.0
V
RDS(on)
Drain-Source On-Resistance
VGS = 10 V, ID = 3 A
VGS = 4.5 V, ID = 3 A
50
65
65
75
m
Ω
gfs
Forward Tranconductance
VDS = 5 V, ID = 3 A
14
S
Dynamic Characteristics (Note4)
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
CISS
Input Capacitance
VDS = 10 V
f = 1 MHz , VGS = 0 V
--
235
--
pF
COSS
Output Capacitance
--
35
--
pF
CRSS
Reverse Transfer Capacitance
--
18
--
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com