Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE2004PBE Datasheet(PDF) 35 Page - Texas Instruments

Part # TNETE2004PBE
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PBE Datasheet(HTML) 35 Page - Texas Instruments

Back Button TNETE2004PBE Datasheet HTML 31Page - Texas Instruments TNETE2004PBE Datasheet HTML 32Page - Texas Instruments TNETE2004PBE Datasheet HTML 33Page - Texas Instruments TNETE2004PBE Datasheet HTML 34Page - Texas Instruments TNETE2004PBE Datasheet HTML 35Page - Texas Instruments TNETE2004PBE Datasheet HTML 36Page - Texas Instruments TNETE2004PBE Datasheet HTML 37Page - Texas Instruments TNETE2004PBE Datasheet HTML 38Page - Texas Instruments TNETE2004PBE Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
35
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
tCOLON
COL
(see Note A)
RCVP/
RCVN
NOTE A: COL low in mode 3 asserts collision.
tCOLOFF
TXEN
Figure 28. Mode 3 Collision
tCOLON
COL
(see Note A)
RCVP/
RCVN
NOTE A: COL high in mode 4 asserts collision.
tCOLOFF
TXEN
Figure 29. Mode 4 Collision
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Normal power-supply voltage
5.0 V
± 5%
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power-supply current draw (see Note 2)
510 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power-supply current draw (see Note 3)
240 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
dc voltage applied to logic outputs
–0.05 V to VCCMAX
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
dc voltage applied to logic input
5.25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
dc differential voltage at receiver pins
± 5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (see Note 4)
–0.5 V to 5.25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
0
°C to 95°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
RθJA (see Note 5)
22
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
RθJA (see Note 6)
27
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
2. With all PHYs transmitting and receiving (full duplex) into correctly terminated loads and inter-frame gaps of 9.6
ms
3. With all PHYs transmitting and receiving (full duplex) into correctly terminated loads and inter-frame gaps of 10 ms
4. Voltage values are with respect to GND, and all GND pins should be routed to minimize inductance to system ground.
5. 120 pin
6. 128 pin, 2.7-mm thickness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com