Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE2004PBE Datasheet(PDF) 14 Page - Texas Instruments

Part # TNETE2004PBE
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PBE Datasheet(HTML) 14 Page - Texas Instruments

Back Button TNETE2004PBE Datasheet HTML 10Page - Texas Instruments TNETE2004PBE Datasheet HTML 11Page - Texas Instruments TNETE2004PBE Datasheet HTML 12Page - Texas Instruments TNETE2004PBE Datasheet HTML 13Page - Texas Instruments TNETE2004PBE Datasheet HTML 14Page - Texas Instruments TNETE2004PBE Datasheet HTML 15Page - Texas Instruments TNETE2004PBE Datasheet HTML 16Page - Texas Instruments TNETE2004PBE Datasheet HTML 17Page - Texas Instruments TNETE2004PBE Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
autopolarity
The TNETE2004 can sense and detect reversed polarity of its receiver inputs (e.g., due to incorrect cable
wiring). If, at any time, seven consecutive inverted link pulses are detected, then reversed polarity is assumed
and flagged by the POLOK bit in the TNETE2004_sts register (see Table 9). If automatic polarity correction is
selected by the SWAPPOLEN bit in the TNETE2004_ctl register (see Table 8), the TNETE2004 swaps its RCVP
and RCVN input for the affected PHY. Once a single correct link pulse is received, good polarity is assumed,
and the POLOK bit is set.
Automatic polarity correction is enabled by default after power on or reset. The polarity detect circuit must see
link pulses to detect the polarity of the receive pair, so, in instances of high network activity where link pulses
are sparse, there may be a slight delay before the correct polarity is established.
compatibility modes
To ease connection to third-party MACs, the TNETE2004 provides options to reverse the polarity of some device
pins. The compatibility mode is selected by the CMODE0 and CMODE1 pins, as defined in Table 2. The
TNETE2004 can be programmed through the MDIO to change the polarity of each SNI (like COL or RXCLK,
etc.) signal. Refer to Table 13 for more details on this function.
Table 2. Compatibility Mode Options
CMODE
PIN SIGNIFICANCE
Mode 1:
CMODE0 = Low
CMODE1 = Low
CRS high to indicate carrier detected
COL high to indicate collision
TXEN high to indicate valid data on TXD
Data on RXD valid on rising edge of RXCLK
Data on TXD valid on rising edge of TXCLK
RXD high when no data is being received
RXCLK is continuously running.
Mode 2:
CMODE0 = High
CMODE1 = Low
CRS low to indicate carrier detected
COL low to indicate collision
TXEN low to indicate valid data on TXD
Data on RXD valid on falling edge of RXCLK
Data on TXD valid on falling edge of TXCLK
RXD high when no data is being received
RXCLK runs for seven clocks after CRS is high,
then it stays high.
Mode 3:
CMODE0 = Low
CMODE1 = High
CRS high to indicate carrier detected
COL low to indicate collision
TXEN high to indicate valid data on TXD
Data on RXD valid on falling edge of RXCLK
Data on TXD valid on falling edge of TXCLK
RXD low when no data is being received
RXCLK runs for seven clocks after CRS is low,
then it stays high.
Mode 4:
CMODE0 = High
CMODE1 = High
CRS high to indicate carrier detected
COL high to indicate collision
TXEN high to indicate valid data on TXD
Data on RXD valid on rising edge of RXCLK
Data on TXD valid on rising edge of TXCLK
RXD low when no data is being received
RXCLK is continuously running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com