Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE2004PGJ Datasheet(PDF) 24 Page - Texas Instruments

Part # TNETE2004PGJ
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PGJ Datasheet(HTML) 24 Page - Texas Instruments

Back Button TNETE2004PGJ Datasheet HTML 20Page - Texas Instruments TNETE2004PGJ Datasheet HTML 21Page - Texas Instruments TNETE2004PGJ Datasheet HTML 22Page - Texas Instruments TNETE2004PGJ Datasheet HTML 23Page - Texas Instruments TNETE2004PGJ Datasheet HTML 24Page - Texas Instruments TNETE2004PGJ Datasheet HTML 25Page - Texas Instruments TNETE2004PGJ Datasheet HTML 26Page - Texas Instruments TNETE2004PGJ Datasheet HTML 27Page - Texas Instruments TNETE2004PGJ Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TNETE2004 all-PHY control register – QuadPHY_4ctl at 0x13
BYTE 1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
BYTE 0
0
L
O
O
P
B
A
C
K
3
L
O
O
P
B
A
C
K
2
L
O
O
P
B
A
C
K
1
L
O
O
P
B
A
C
K
0
P
D
O
W
N
3
P
D
O
W
N
2
P
D
O
W
N
1
P
D
O
W
N
0
I
S
O
L
A
T
E
3
I
S
O
L
A
T
E
2
I
S
O
L
A
T
E
1
I
S
O
L
A
T
E
0
D
U
P
L
E
X
3
D
U
P
L
E
X
2
D
U
P
L
E
X
1
D
U
P
L
E
X
0
Figure 14. TNETE2004 All-PHY Control Register – QuadPHY_4ctl at 0x13
Table 10. TNETE2004 All-PHY Control Register (QuadPHY_4ctl at 0x13) Bit Functions
BIT
FUNCTION
DIRECTION†
NO.
NAME
FUNCTION
DIRECTION†
15
LOOPBACK3
Loopback mode. Writing a 1 to LOOPBACK3 sets PHY3 into loopback mode.
R/W
14
LOOPBACK2
Loopback mode. Writing a 1 to LOOPBACK2 sets PHY2 into loopback mode.
R/W
13
LOOPBACK1
Loopback mode. Writing a 1 to LOOPBACK1 sets PHY1 into loopback mode.
R/W
12
LOOPBACK0
Loopback mode. Writing a 1 to LOOPBACK0 sets PHY0 into loopback mode.
R/W
11
PDOWN3
Power-down mode. When set, PDOWN3 places PHY3 in a power-down mode. In this mode, it is
not possible to receive or transmit data. See Note 1.
R/W
10
PDOWN2
Power-down mode. When set, PDOWN2 places PHY2 in a power-down mode. In this mode, it is
not possible to receive or transmit data. See Note 1.
R/W
9
PDOWN1
Power-down mode. When set, PDOWN1 places PHY1 in a power-down mode. In this mode, it is
not possible to receive or transmit data. See Note 1.
R/W
8
PDOWN0
Power-down mode. When set, PDOWN0 places PHY0 in a power-down mode. In this mode, it is
not possible to receive or transmit data. See Note 1.
R/W
7
ISOLATE3
PHY pin isolation. When set, PHY3 electrically isolates itself from the pins. In this state, it does
not respond to TXD or TXEN and presents a high impedance on RXD, RXCLK, and COL. It still
responds to MII data frames, however.
R/W
6
ISOLATE2
PHY pin isolation. When set, PHY2 electrically isolates itself from the pins. In this state, it does
not respond to TXD or TXEN and presents a high impedance on RXD, RXCLK, and COL. It still
responds to MII data frames, however.
R/W
5
ISOLATE1
PHY pin isolation. When set, PHY1 electrically isolates itself from the pins. In this state, it does
not respond to TXD or TXEN and presents a high impedance on RXD, RXCLK, and COL. It still
responds to MII data frames, however.
R/W
4
ISOLATE0
PHY pin isolation. When set, PHY0 electrically isolates itself from the pins. In this state, it does
not respond to TXD or TXEN and presents a high impedance on RXD, RXCLK, and COL. It still
responds to MII data frames, however.
R/W
3
DUPLEX3
Set full-duplex mode. Setting DUPLEX3 forces PHY3 into full-duplex mode. Resetting forces
half-duplex mode.
R/W
2
DUPLEX2
Set full-duplex mode. Setting DUPLEX2 forces PHY2 into full-duplex mode. Resetting forces
half-duplex mode.
R/W
1
DUPLEX1
Set full-duplex mode. Setting DUPLEX1 forces PHY1 into full-duplex mode. Resetting forces
half-duplex mode.
R/W
0
DUPLEX0
Set full-duplex mode. Setting DUPLEX0 forces PHY0 into full-duplex mode. Resetting forces
half-duplex mode.
R/W
† R/W = read/write
NOTE 1. If all four PHYs are in power-down mode simultaneously, then reset must be used to power up the device. It is not possible to power
up an individual PHY if all four PHYs are in power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com