Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE2004PGJ Datasheet(PDF) 27 Page - Texas Instruments

Part # TNETE2004PGJ
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PGJ Datasheet(HTML) 27 Page - Texas Instruments

Back Button TNETE2004PGJ Datasheet HTML 23Page - Texas Instruments TNETE2004PGJ Datasheet HTML 24Page - Texas Instruments TNETE2004PGJ Datasheet HTML 25Page - Texas Instruments TNETE2004PGJ Datasheet HTML 26Page - Texas Instruments TNETE2004PGJ Datasheet HTML 27Page - Texas Instruments TNETE2004PGJ Datasheet HTML 28Page - Texas Instruments TNETE2004PGJ Datasheet HTML 29Page - Texas Instruments TNETE2004PGJ Datasheet HTML 30Page - Texas Instruments TNETE2004PGJ Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TNETE2004 pin-polarity register – QuadPHY_ppol at 0x16
BYTE 1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
BYTE 0
0
I
N
V
–
C
R
S
I
N
V
–
C
O
L
I
N
V
–
R
X
C
L
K
I
N
V
–
T
X
C
L
K
I
N
V
–
T
X
E
N
R
X
D
–
P
O
L
R
X
C
L
K
–
O
F
F
RESERVED
Figure 17. TNETE2004 Pin-Polarity Register – QuadPHY_ppol at 0x16
Table 13. TNETE2004 Pin-Polarity Register (QuadPHY_ppol at 0x16) Bit Functions
BIT
FUNCTION
DIRECTION†
NO.
NAME
FUNCTION
DIRECTION†
15
INV_CRS
Invert carrier sense. When INV_CRS is set to 1, carrier sense is indicated by a low voltage on the
appropriate CRSx pin. When INV_CRS is 0, carrier sense is indicated by a high voltage level.
R/W
14
INV_COL
Invert collision. When INV_COL is set to 1, a collision is indicated by a low voltage on the
appropriate COLx pin. When INV_COL is 0, collision is indicated by a high voltage level.
R/W
13
INV_RXCLK
Invert RXCLK. When INV_RXCLK is set to 1, the MAC samples RXD data on the falling edge of
RXCLK. When INV_RXCLK is 0, data is sampled on the rising edge of RXCLK.
R/W
12
INV_TXCLK
Invert TXCLK. When INV_TXCLK is set to 1, the TNETE2004 samples data on its TXD pins on
the falling edges of TXCLK. When INV_TXCLK is set to 0, the data is sampled on the rising edges
of TXCLK.
R/W
11
INV_TXEN
Invert TXEN. When INV_TXEN is set to 1, the MAC indicates that data is to be transmitted by
forcing the appropriate TXENx pin low. When INV_TXEN is 0, valid data is indicated by a high
voltage level.
R/W
10
RXD_POL
Receive data active-low. When RXD_POL is set to 1, RXD is driven low when no data is being
received by the PHY. When RXD_POL is set to 0, RXD is driven high when no data is being
received.
R/W
9
RXCLK_OFF
Receive clock off when inactive. When RXCLK_OFF is set to 1, RXCLK outputs seven more clock
cycles after CRS is inactive and then RXCLK is held high. Otherwise, RXCLK continuously
outputs a 10-MHz clock signal.
R/W
8–0
RESERVED
Reserved. Read as 0.
RO
† RO = read only, R/W = read/write
After power on or a reset prior to writing to this register, the polarity of CRS, COL, TXEN, RXCLK, and TXCLK
is determined by CMODE0 and CMODE1. After this register has been written to, CMODE has no effect on the
polarity. This register is always read as 0 until it has been written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com