Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4950 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4950
Description  7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4950 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4950 Datasheet HTML 1Page - National Semiconductor (TI) LM4950 Datasheet HTML 2Page - National Semiconductor (TI) LM4950 Datasheet HTML 3Page - National Semiconductor (TI) LM4950 Datasheet HTML 4Page - National Semiconductor (TI) LM4950 Datasheet HTML 5Page - National Semiconductor (TI) LM4950 Datasheet HTML 6Page - National Semiconductor (TI) LM4950 Datasheet HTML 7Page - National Semiconductor (TI) LM4950 Datasheet HTML 8Page - National Semiconductor (TI) LM4950 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Typical Performance Characteristics
THD+N vs Frequency
THD+N vs Frequency
200470B2
V
DD = 12V, RL =8
Ω,
BTL operation, P
OUT =1W
200470B3
V
DD = 12V, RL =8
Ω,
BTL operation, P
OUT =3W
THD+N vs Frequency
THD+N vs Frequency
200470B4
V
DD = 12V, RL =8
Ω,
BTL operation, P
OUT =5W
200470D5
V
DD = 12V, RL =8
Ω,
BTL operation, BTLA
V = 20, POUT =1W
THD+N vs Frequency
THD+N vs Frequency
200470D4
V
DD = 12V, RL =8
Ω,
BTL operation, BTLA
V = 20, POUT =3W
200470D6
V
DD = 12V, RL =8
Ω,
BTL operation, BTLA
V = 20, POUT =5W
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com