Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4950 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4950
Description  7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4950 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4950 Datasheet HTML 6Page - National Semiconductor (TI) LM4950 Datasheet HTML 7Page - National Semiconductor (TI) LM4950 Datasheet HTML 8Page - National Semiconductor (TI) LM4950 Datasheet HTML 9Page - National Semiconductor (TI) LM4950 Datasheet HTML 10Page - National Semiconductor (TI) LM4950 Datasheet HTML 11Page - National Semiconductor (TI) LM4950 Datasheet HTML 12Page - National Semiconductor (TI) LM4950 Datasheet HTML 13Page - National Semiconductor (TI) LM4950 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Typical Performance Characteristics (Continued)
THD+N vs Output Power
THD+N vs Output Power
200470B5
V
DD = 9.6V, RL =8
Ω,
BTL operation, f
IN = 1kHz
200470E2
V
DD = 9.6V, RL =4
Ω,
SE operation, f
IN = 1kHz
both channels driven and loaded (average shown)
THD+N vs Output Power
THD+N vs Output Power
200470D2
V
DD = 9.6V, RL =8
Ω, BTL operation,
BTLA
V = 20, fIN = 1kHz
200470C8
V
DD = 9.6V, RL =4
Ω, SE operation,
AV = 10, f
IN = 1kHz
both channels driven and loaded (average shown)
Total Power Dissipation vs Load Dissipation
Total Power Dissipation vs Load Dissipation per
Channel
20047085
V
DD = 9.6V, BTL operation, fIN = 1kHz
at (from top to bottom at 2W):
R
L =8
Ω,R
L =16
Ω
20047082
V
DD = 9.6V, SE operation, fIN = 1kHz,
at (from top to bottom at 1W):
R
L =4
Ω,R
L =8
Ω
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com