Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3855ES-3.3 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3855ES-3.3
Description  1.5A Fast Response Ultra Low Dropout Linear Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3855ES-3.3 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3855ES-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LP3855ES-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LP3855ES-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LP3855ES-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LP3855ES-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP3855ES-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP3855ES-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP3855ES-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP3855ES-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Ordering Information
20031031
Package Type Designator is "T" for TO220 package, and "S" for TO263 package.
TABLE 1. Package Marking and Ordering Information
Output
Voltage
Order Number
Description
(Current, Option)
Package
Type
Package Marking
Supplied As:
5.0
LP3852EMP-5.0
1.5A, Error Flag
SOT223-5
LHXB
1000 Units on
Tape and Reel
5.0
LP3852EMPX-5.0
1.5A, Error Flag
SOT223-5
LHXB
2000 Units on
Tape and Reel
5.0
LP3852ES-5.0
1.5A, Error Flag
TO263-5
LP3852ES-5.0
Rail
5.0
LP3852ESX-5.0
1.5A, Error Flag
TO263-5
LP3852ES-5.0
Tape and Reel
3.3
LP3852EMP-3.3
1.5A, Error Flag
SOT223-5
LHVB
1000 Units on
Tape and Reel
3.3
LP3852EMPX-3.3
1.5A, Error Flag
SOT223-5
LHVB
2000 Units on
Tape and Reel
3.3
LP3852ES-3.3
1.5A, Error Flag
TO263-5
LP3852ES-3.3
Rail
3.3
LP3852ESX-3.3
1.5A, Error Flag
TO263-5
LP3852ES-3.3
Tape and Reel
2.5
LP3852EMP-2.5
1.5A, Error Flag
SOT223-5
LHUB
1000 Units on
Tape and Reel
2.5
LP3852EMPX-2.5
1.5A, Error Flag
SOT223-5
LHUB
2000 Units on
Tape and Reel
2.5
LP3852ES-2.5
1.5A, Error Flag
TO263-5
LP3852ES-2.5
Rail
2.5
LP3852ESX-2.5
1.5A, Error Flag
TO263-5
LP3852ES-2.5
Tape and Reel
1.8
LP3852ES-1.8
1.5A, Error Flag
TO263-5
LP3852ES-1.8
Rail
1.8
LP3852ESX-1.8
1.5A, Error Flag
TO263-5
LP3852ES-1.8
Tape and Reel
1.8
LP3852EMP-1.8
1.5A, Error Flag
SOT223-5
LHTB
1000 Units on
Tape and Reel
1.8
LP3852EMPX-1.8
1.5A, Error Flag
SOT223-5
LHTB
2000 Units on
Tape and Reel
5.0
LP3855EMP-5.0
1.5A, SENSE
SOT223-5
LJ2B
1000 Units on
Tape and Reel
5.0
LP3855EMPX-5.0
1.5A, SENSE
SOT223-5
LJ2B
2000 Units on
Tape and Reel
5.0
LP3855ES-5.0
1.5A, SENSE
TO263-5
LP3855ES-5.0
Rail
5.0
LP3855ESX-5.0
1.5A, SENSE
TO263-5
LP3855ES-5.0
Tape and Reel
3.3
LP3855EMP-3.3
1.5A, SENSE
SOT223-5
LJ1B
1000 Units on
Tape and Reel
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com