Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3855ES-3.3 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3855ES-3.3
Description  1.5A Fast Response Ultra Low Dropout Linear Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3855ES-3.3 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3855ES-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LP3855ES-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LP3855ES-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LP3855ES-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LP3855ES-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP3855ES-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP3855ES-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP3855ES-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP3855ES-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LP3852/LP3855
1.5A Fast Response Ultra Low Dropout Linear
Regulators
General Description
The LP3852/LP3855 series of fast ultra low-dropout linear
regulators operate from a +2.5V to +7.0V input supply. Wide
range of preset output voltage options are available. These
ultra low dropout linear regulators respond very quickly to
step changes in load, which makes them suitable for low
voltage microprocessor applications. The LP3852/LP3855
are developed on a CMOS process which allows low quies-
cent current operation independent of output load current.
This CMOS process also allows the LP3852/LP3855 to op-
erate under extremely low dropout conditions.
Dropout Voltage: Ultra low dropout voltage; typically 24mV
at 150mA load current and 240mV at 1.5A load current.
Ground Pin Current: Typically 4mA at 1.5A load current.
Shutdown Mode: Typically 10nA quiescent current when
the shutdown pin is pulled low.
Error Flag: Error flag goes low when the output voltage
drops 10% below nominal value.
SENSE: Sense pin improves regulation at remote loads.
Precision Output Voltage: Multiple output voltage options
are available ranging from 1.8V to 5.0V with a guaranteed
accuracy of ±1.5% at room temperature, and ±3.0% over all
conditions (varying line, load, and temperature).
Features
n
Ultra low dropout voltage
n
Stable with selected ceramic capacitors
n
Low ground pin current
n
Load regulation of 0.06%
n
10nA quiescent current in shutdown mode
n
Guaranteed output current of 1.5A DC
n
Available in TO-263, TO-220 and SOT-223 packages
n
Output voltage accuracy ± 1.5%
n
Error flag indicates output status
n
Sense option improves load regulation
n
Overtemperature/overcurrent protection
n
−40˚C to +125˚C junction temperature range
Applications
n
Microprocessor power supplies
n
GTL, GTL+, BTL, and SSTL bus terminators
n
Power supplies for DSPs
n
SCSI terminator
n
Post regulators
n
High efficiency linear regulators
n
Battery chargers
n
Other battery powered applications
Typical Application Circuits
20031001
**SD and ERROR pins must be pulled high through a 10k
Ω pull-up resistor. Connect the ERROR pin to ground if this function is not used. See Application Hints
for more information.
March 2004
© 2004 National Semiconductor Corporation
DS200310
www.national.com


Similar Part No. - LP3855ES-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3855ES-3.3/NOPB TI-LP3855ES-3.3/NOPB Datasheet
2Mb / 32P
1.5-A Fast Response Ultra-Low Dropout Linear Regulators
More results

Similar Description - LP3855ES-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3882 NSC-LP3882 Datasheet
326Kb / 12P
1.5A Fast-Response Ultra Low Dropout Linear
LP3892 NSC-LP3892 Datasheet
315Kb / 12P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3875-ADJ NSC-LP3875-ADJ Datasheet
694Kb / 15P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3855-ADJ NSC-LP3855-ADJ Datasheet
712Kb / 16P
1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3892EMRX-12 TI1-LP3892EMRX-12 Datasheet
1Mb / 18P
LP3892 1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3882EMR-12 TI1-LP3882EMR-12 Datasheet
1Mb / 19P
LP3882 1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3855-ADJ TI-LP3855-ADJ_15 Datasheet
2Mb / 22P
1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3882 TI1-LP3882 Datasheet
1Mb / 19P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3892 TI1-LP3892 Datasheet
1Mb / 18P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com