Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCANSTA112 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCANSTA112
Description  7-port Multidrop IEEE 1149.1 (JTAG) Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANSTA112 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button SCANSTA112 Datasheet HTML 4Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 5Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 6Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 7Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 8Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 9Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 10Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 11Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Application Overview (Continued)
such a configuration, the system tester can configure the
local ports of a set of ’STA112s so as to connect a specific
set of local scan-chains to the active scan chain. Using this
capability, the tester can selectively communicate with spe-
cific portions of a target system. The tester’s scan port is
connected to the backplane scan port of a root layer of
’STA112s, each of which can be selected using multi-drop
addressing. A second tier of ’STA112s can be connected to
this root layer, by connecting a local port (LSP) of a root-
layer ’STA112 to the backplane port of a second-tier
’STA112. This process can be continued to construct a multi-
level scan hierarchy. ’STA112 local ports which are not cas-
caded into higher-level ’STA112s can be thought of as the
terminal leaves of a scan tree. The test master can select
one or more target leaves by selecting and configuring the
local ports of an appropriate set of ’STA112s in the test tree.
STANDARD SCANBRIDGE MODE - ScanBridge mode re-
fers to functionality and protocol that has been used by
National since the introduction of the PSC110 in 1993. This
functionality consists of a multidrop addressable IEEE1149.1
switch. This enables one (or more) device to be selected
from many that are connected to a parallel IEEE1149.1 bus
or backplane. The second function that ScanBridge mode
accomplishes is to act as a mux for multiple IEEE1149.1
local scan chains. The Local Scan Ports (LSP) of the device
creates a connection between one or more of the local scan
chains to the backplane bus.
To accomplish this functionality the ScanBridge has two
levels of protocol and an operational mode. Level 1 protocol
refers to the required actions to address/select the desired
ScanBridge. Level 2 protocol is required to configuring the
mux’ing function and enable the connection (UNPARK) be-
tween the local scan chain and the backplane bus via an
LSP. Upon completion of level 1 and 2 protocols the Scan-
Bridge is prepared for its operational mode. This is where
scan vectors are moved from the backplane bus to the
desired local scan chain(s).
STITCHER MODE - Stitcher Mode is a method of skipping
level 1 and 2 protocol of the ScanBridge mode of operation.
This is accomplished via external pins. When in stitcher
mode the SCANSTA112 will go directly to the operational
mode.
TRANSPARENT MODE - Transparent mode refers to a
condition of operation in which there are no pad-bits or
SCANSTA112 registers in the scan chain. The Transparent
mode of operation is available in both ScanBridge and
Stitcher modes. Only the activation method differs. Once
transparent mode has been activated there is no difference
in operation. Transparent mode allows for the use of vectors
that have been generated for a chain where these bits were
not included.
Check with your ATPG tool vendor to ensure support of
these features.
For details regarding the internal operation of the SCAN-
STA112 device, refer to applications note AN-1259 SCAN-
STA112 Designers Reference.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com