Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCANSTA112 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCANSTA112
Description  7-port Multidrop IEEE 1149.1 (JTAG) Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANSTA112 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button SCANSTA112 Datasheet HTML 5Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 6Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 7Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 8Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 9Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 10Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 11Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 12Page - National Semiconductor (TI) SCANSTA112 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Absolute Maximum Ratings (Note 2)
Supply Voltage (V
CC)
−0.3V to +4.0V
DC Input Diode Current (I
IK)
V
I = −0.5V
−20 mA
DC Input Voltage (V
I)
−0.5V to +3.9V
DC Output Diode Current (I
OK)
V
O = −0.5V
−20 mA
DC Output Voltage (V
O)
−0.3V to +3.9V
DC Output Source/Sink Current (I
O)
±50 mA
DC V
CC or Ground Current
±50 mA
per Output Pin
DC Latchup Source or Sink Current
±300 mA
Junction Temperature (Plastic)
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature (Solder, 4sec)
100L FBGA
220˚C
100L TQFP
220˚C
Max Package Power Capacity @
25˚C
100L FBGA
3.57W
100L TQFP
2.11W
Thermal Resistance (
θ
JA)
100L FBGA
35˚C/W
100L TQFP
59.1˚C/W
Package Derating above +25˚C
100L FBGA
28.57mW/˚C
100L TQFP
16.92mW/˚C
ESD Last Passing Voltage
(HBM Min)
2500V
Recommended Operating
Conditions
Supply Voltage (V
CC)
’STA112
3.0V to 3.6V
Input Voltage (V
I)
0VtoV
CC
Output Voltage (V
O)
0VtoV
CC
Operating Temperature (T
A)
Industrial
−40˚C to +85˚C
Note 2: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, without
exception, to ensure that the system design is reliable over its power supply,
temperature, and output/input loading variables. National does not recom-
mend operation of SCAN STA products outside of recommended operation
conditions.
DC Electrical Characteristics
Over recommended operating supply voltage and temperature ranges unless otherwise specified
Symbol
Parameter
Conditions
Min
Max
Units
V
IH
Minimum High Input Voltage
V
OUT = 0.1V or
2.1
V
V
CC −0.1V
V
IL
Maximum Low Input Voltage
V
OUT = 0.1V or
0.8
V
V
CC −0.1V
V
OH
Minimum High Output Voltage
I
OUT = −100 µA
V
CC - 0.2v
V
All Outputs and I/O Pins
V
IN =VIH or VIL
V
OH
Minimum High Output Voltage
I
OUT = −12 mA
2.4
V
TDO
B0, TDOB1, TRISTB0, TRISTB1,Y0B0,Y1B0,
Y0
B1,Y1B1, TDO(01-06),Y001,Y101, TRIST(01-03)
All Outputs Loaded
V
OH
Minimum High Output Voltage
I
OUT = −24mA
2.2
V
TMS
B0, TMSB1, TCKB0, TCKB1, TRSTB0, TRSTB1,
TMS
(01-06), TCK(01-06), TRST(01-06)
V
OL
Maximum Low Output Voltage
I
OUT = +100 µA
0.2
V
All Outputs and I/O Pins
V
IN =VIH or VIL
V
OL
Maximum Low Output Voltage
I
OUT = +12 mA
0.4
V
TDO
B0, TDOB1, TRISTB0, TRISTB1,Y0B0,Y1B0,
Y0
B1,Y1B1, TDO(01-06),Y001,Y101, TRIST(01-03)
V
OL
Maximum Low Output Voltage
I
OUT = +24mA
0.55
V
TMS
B0, TMSB1, TCKB0, TCKB1, TRSTB0, TRSTB1,
TMS
(01-06), TCK(01-06), TRST(01-06)
VIKL
Maximum Input Clamp Diode Voltage
IIK = -18mA
-1.2
V
I
IN
Maximum Input Leakage Current
V
IN =VCC or GND
±5.0
µA
(non-resistor input pins)
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com