Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2132UA/2K5 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA2132UA/2K5
Description  Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2132UA/2K5 Datasheet(HTML) 4 Page - Texas Instruments

  INA2132UA/2K5 Datasheet HTML 1Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 2Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 3Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 4Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 5Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 6Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 7Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 8Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
®
INA2132
TYPICAL PERFORMANCE CURVES
At TA = +25°C and VS = ±15V, unless otherwise noted.
GAIN vs FREQUENCY
Frequency (Hz)
10k
100k
1M
20
0
–20
–40
–60
V
S = ±15V or +5V
C
L = 100pF
R
L = 10kΩ
C
L = 1000pF
R
L = ∞
COMMON-MODE REJECTION vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
1M
100
90
80
70
60
50
40
30
V
S = ±15V
V
S = +5V
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
0.1
1
10
1k
100
1M
100k
10k
150
140
130
120
110
100
90
80
70
60
50
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
V+
(V+) –0.5
(V+) –1
(V+) –1.5
(V+) –2
(V+) –2.5
(V–) +2.5
(V–) +2
(V–) +1.5
(V–) +1
(V–) +0.5
V–
0
±2
±4
±6
±8
±10
Output Current (mA)
125
°C
125
°C
85
°C
–55
°C
85
°C
85
°C
25
°C
–40
°C
–40
°C
25
°C
–55
°C
QUIESCENT and SHORT-CIRCUIT CURRENT
vs TEMPERATURE
Temperature (
°C)
–75
–50
–25
0
25
50
75
100
125
210
200
190
180
170
160
150
13
12
11
10
9
8
7
±I
SC
I
Q
POWER SUPPLY REJECTION vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
1M
120
100
80
60
40
20
0
V
S = ±15V
+PSRR
–PSRR
V
S = +5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com