Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2132UA/2K5 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA2132UA/2K5
Description  Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2132UA/2K5 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA2132UA/2K5 Datasheet HTML 3Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 4Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 5Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 6Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 7Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 8Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 9Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 10Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
®
INA2132
APPLICATIONS INFORMATION
Figure 1 shows the basic connections required for operation
of the INA2132. Power supply bypass capacitors should be
connected close to the device pins.
The differential input signal is connected to pins 2 and 3 (or
pins 6 and 5) as shown. The source impedances connected to
the inputs must be nearly equal to assure good common-
mode rejection. An 8
Ω mismatch in source impedance will
degrade the common-mode rejection of a typical device to
approximately 80dB. Gain accuracy will also be slightly
affected. If the source has a known impedance mismatch, an
additional resistor in series with one input can be used to
preserve good common-mode rejection.
Do not interchange pins 3 and 14 (or pins 5 and 8) or pins
2 and 12 (or pins 6 and 10), even though nominal resistor
values are equal. These resistors are laser-trimmed for pre-
cise resistor ratios to achieve accurate gain and highest
CMRR. Interchanging these pins may not provide specified
performance. As shown in Figure 1, sense line should be
connected as close to the load as possible.
In the case where VREF is grounded, the equation simplifies to:
2 • (V–) < VCM < 2 • ((V+) – 1)
For more information, see the typical performance curve titled
“Input Common-Mode Voltage Range vs Output Voltage.”
OPERATING VOLTAGE
The INA2132 operates from single (+2.7V to +36V) or dual
(
±1.35V to ±18V) supplies with excellent performance.
Specifications are production tested with +5V and
±15V
supplies. Most behavior remains unchanged throughout the
full operating voltage range. Parameters which vary signifi-
cantly with operating voltage are shown in the Typical
Performance Curves.
The INA2132 can accurately measure differential signals
that are beyond the power supply rails. Linear common-
mode range extends to twice the negative power supply
voltage and nearly twice the positive power supply voltage.
Output phase reversal does not occur when the inputs to the
internal operational amplifier are overloaded to either rail.
See typical performance curve, “Common-Mode Range vs
Output Voltage.”
OFFSET VOLTAGE TRIM
The INA2132 is laser-trimmed for low offset voltage and
drift. Most applications require no external offset adjust-
ment. Figure 2 shows an optional circuit for trimming the
output offset voltage. The output is referred to the output
reference terminal (pin 14 or pin 8), which is normally
grounded. A voltage applied to the Ref terminal will be
summed with the output signal. This can be used to null
offset voltage. The source impedance of a signal applied to
the Ref terminal should be less than 8
Ω to maintain good
common-mode rejection. To assure low impedance at the
Ref terminal, the trim voltage can be buffered with an op
amp, such as the OPA277.
FIGURE 1. Basic Power Supply and Signal Connections.
FIGURE 2. Offset Adjustment.
To ensure valid operation of the differential amplifier, please
note the following points:
1) VOUT = V3 – V2 + VREF
2) VOUT must be within the specified linear range. For
example, with
±15V supplies and a 100kΩ load, the
output will be defined by:
(V–) + 0.15V < VOUT < (V+) – 0.8V
3) Input common-mode range at the nodes of the op amp
must be V–
≤ V
CM ≤ (V+) – 1. To ensure that the inputs
to the differential amp (+In and –In) meet this criteria,
limit the common-mode voltage inputs to:
2 • (V–) – VREF < VCM < 2 • ((V+) – 1) – VREF
V
3
12 (10)
13 (9)
3 (5)
V
O
INA2132
V
O = V3 – V2
Offset Adjustment
Range =
±500µV
2 (6)
R
3
Ref
R
1
R
2
R
4
V
2
8
Ω
R = 237k
Ω
8
Ω
100k
Ω
+15V
–15V
14 (8)
NOTE: For
±750µV range, R = 158kΩ.
V
3
12 (10)
13 (9)
3 (5)
INA2132
V
OUT = V3 – V2
2(6)
R
3
Ref
R
1
R
2
R
4
V
2
40k
Ω
40k
Ω
40k
Ω
40k
Ω
R
L
1
µF
NOTE: Pin numbers in parentheses ( ) refer to channel B.
V–
4
1
µF
V+
11
14 (8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com