Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2141UA/1K Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA2141UA/1K
Description  INSTRUMENTATION AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2141UA/1K Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA2141UA/1K Datasheet HTML 5Page - Texas Instruments INA2141UA/1K Datasheet HTML 6Page - Texas Instruments INA2141UA/1K Datasheet HTML 7Page - Texas Instruments INA2141UA/1K Datasheet HTML 8Page - Texas Instruments INA2141UA/1K Datasheet HTML 9Page - Texas Instruments INA2141UA/1K Datasheet HTML 10Page - Texas Instruments INA2141UA/1K Datasheet HTML 11Page - Texas Instruments INA2141UA/1K Datasheet HTML 12Page - Texas Instruments INA2141UA/1K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
®
INA2141
OFFSET TRIMMING
The INA2141 is laser trimmed for low offset voltage and
offset voltage drift. Most applications require no external
offset adjustment. Figure 2 shows an optional circuit for
trimming the output offset voltage. The voltage applied to
Ref terminal is summed with the output. The op amp buffer
provides low impedance at the Ref terminal to preserve good
common-mode rejection.
INPUT BIAS CURRENT RETURN PATH
The input impedance of the INA2141 is extremely high—
approximately 1010
Ω. However, a path must be provided for
the input bias current of both inputs. This input bias current
is approximately
±2nA. High input impedance means that
this input bias current changes very little with varying input
voltage.
Input circuitry must provide a path for this input bias current
for proper operation. Figure 3 shows various provisions for
an input bias current path. Without a bias current path, the
inputs will float to a potential which exceeds the common-
mode range of the INA2141 and the input amplifiers will
saturate.
If the differential source resistance is low, the bias current
return path can be connected to one input (see the thermo-
couple example in Figure 3). With higher source impedance,
using two equal resistors provides a balanced input with
possible advantages of lower input offset voltage due to bias
current and better high-frequency common-mode rejection.
INPUT COMMON-MODE RANGE
The linear input voltage range of the input circuitry of the
INA2141 is from approximately 1.4V below the positive
supply voltage to 1.7V above the negative supply. As a
differential input voltage causes the output voltage increase,
however, the linear input range will be limited by the output
voltage swing of amplifiers A1 and A2. So the linear com-
FIGURE 2. Optional Trimming of Output Offset Voltage.
mon-mode input range is related to the output voltage of the
complete amplifier. This behavior also depends on supply
voltage—see performance curves “Input Common-Mode
Range vs Output Voltage”.
Input-overload can produce an output voltage that appears
normal. For example, if an input overload condition drives
both input amplifiers to their positive output swing limit, the
difference voltage measured by the output amplifier will be
near zero. The output of the INA2141 will be near 0V even
though both inputs are overloaded.
LOW VOLTAGE OPERATION
The INA2141 can be operated on power supplies as low as
±2.25V. Performance remains excellent with power sup-
plies ranging from
±2.25V to ±18V. Most parameters vary
only slightly throughout this supply voltage range—see
typical performance curves. Operation at very low supply
voltage requires careful attention to assure that the input
voltages remain within their linear range. Voltage swing
requirements of internal nodes limit the input common-
mode range with low power supply voltage. Typical perfor-
mance curves, “Input Common-Mode Range vs Output
Voltage” show the range of linear operation for
±15V, ±5V,
and
±2.5V supplies.
FIGURE 3. Providing an Input Common-Mode Current Path.
10k
Ω
OPA177
±10mV
Adjustment Range
100
Ω
(For other
channel)
100
Ω
100µA
1/2 REF200
100µA
1/2 REF200
V+
V–
INA2141
1/2
Ref
V
O
V
IN
–
V
IN
+
47k
Ω
47k
Ω
10k
Ω
Microphone,
Hydrophone
etc.
Thermocouple
Center-tap provides
bias current return.
INA2141
1/2
INA2141
1/2
INA2141
1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com