Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2141UA/1K Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA2141UA/1K
Description  INSTRUMENTATION AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2141UA/1K Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA2141UA/1K Datasheet HTML 6Page - Texas Instruments INA2141UA/1K Datasheet HTML 7Page - Texas Instruments INA2141UA/1K Datasheet HTML 8Page - Texas Instruments INA2141UA/1K Datasheet HTML 9Page - Texas Instruments INA2141UA/1K Datasheet HTML 10Page - Texas Instruments INA2141UA/1K Datasheet HTML 11Page - Texas Instruments INA2141UA/1K Datasheet HTML 12Page - Texas Instruments INA2141UA/1K Datasheet HTML 13Page - Texas Instruments INA2141UA/1K Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
®
INA2141
10
INPUT PROTECTION
The inputs of the INA2141 are individually protected for
voltages up to
±40V. For example, a condition of –40V on
one input and +40V on the other input will not cause
damage. Internal circuitry on each input provides low series
impedance under normal signal conditions. To provide
equivalent protection, series input resistors would contribute
excessive noise. If the input is overloaded, the protection
circuitry limits the input current to a safe value of approxi-
mately 1.5 to 5mA. The typical performance curve “Input
Bias Current vs Common-Mode Input Voltage” shows this
input current limit behavior. The inputs are protected even if
the power supplies are disconnected or turned off.
CHANNEL CROSSTALK
The two channels of the INA2141 are completely indepen-
dent, including all bias circuitry. At DC and low frequency
there is virtually no signal coupling between channels.
Crosstalk increases with frequency and is dependent on
circuit gain, source impedance and signal characteristics.
As source impedance increases, careful circuit layout will
help achieve lowest channel crosstalk. Most crossstalk is
produced by capacitive coupling of signals from one channel
to the input section of the other channel. To minimize
coupling, separate the input traces as far as practical from
any signals associated with the opposite channel. A grounded
guard trace surrounding the inputs helps reduce stray cou-
pling between channels. Run the differential inputs of each
channel parallel to each other or directly adjacent on top and
bottom side of a circuit board. Stray coupling then tends to
produce a common-mode signal which is rejected by the
IA’s input.
FIGURE 6. ECG Amplifier With Right-Leg Drive.
FIGURE 4. Two-Axis Bridge Amplifier.
FIGURE 5. Sum of Differences Amplifier.
X-axis
V
O
Y-axis
V
O
X-axis
Y-axis
V
EX
V
EX
INA2141
1/2
INA2141
1/2
V
O = 10 (V2 – V1) + 10 (V4 – V3)
V
1
V
2
Ref
V
3
V
4
Ref
INA2141
1/2
INA2141
1/2
INA2141
1/2
V
O
LA
RL
RA
10k
Ω
Ref
G = 10
20k
Ω
20k
Ω
V
G
1/4
OPA4131
390k
Ω
390k
Ω
1/4
OPA4131
OPA4131
1/4
OPA4131
1/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com