Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7310CD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7310CD
Description  Robust EMC, Low Power, Single Channel Digital Isolator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7310CD Datasheet(HTML) 2 Page - Texas Instruments

  ISO7310CD Datasheet HTML 1Page - Texas Instruments ISO7310CD Datasheet HTML 2Page - Texas Instruments ISO7310CD Datasheet HTML 3Page - Texas Instruments ISO7310CD Datasheet HTML 4Page - Texas Instruments ISO7310CD Datasheet HTML 5Page - Texas Instruments ISO7310CD Datasheet HTML 6Page - Texas Instruments ISO7310CD Datasheet HTML 7Page - Texas Instruments ISO7310CD Datasheet HTML 8Page - Texas Instruments ISO7310CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ISO7310C, ISO7310FC
SLLSEI8D – JUNE 2014 – REVISED APRIL 2015
www.ti.com
Table of Contents
8.1
Overview ................................................................. 11
1
Features .................................................................. 1
8.2
Functional Block Diagram ....................................... 11
2
Applications ........................................................... 1
8.3
Feature Description................................................. 12
3
Description ............................................................. 1
8.4
Device Functional Modes........................................ 15
4
Revision History..................................................... 2
9
Applications and Implementation ...................... 16
5
Pin Configuration and Functions ......................... 4
9.1
Application Information............................................ 16
6
Specifications......................................................... 5
9.2
Typical Application ................................................. 16
6.1
Absolute Maximum Ratings ..................................... 5
10
Power Supply Recommendations ..................... 18
6.2
ESD Ratings.............................................................. 5
11
Layout................................................................... 19
6.3
Recommended Operating Conditions ....................... 5
11.1
PCB Material ......................................................... 19
6.4
Thermal Information .................................................. 5
11.2
Layout Guidelines ................................................. 19
6.5
Electrical Characteristics........................................... 6
11.3
Layout Example .................................................... 19
6.6
Switching Characteristics .......................................... 6
12
Device and Documentation Support ................. 20
6.7
Electrical Characteristics........................................... 7
12.1
Trademarks ........................................................... 20
6.8
Switching Characteristics .......................................... 7
12.2
Electrostatic Discharge Caution ............................ 20
6.9
Typical Characteristics .............................................. 8
12.3
Glossary ................................................................ 20
7
Parameter Measurement Information ................ 10
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 11
Information ........................................................... 20
4 Revision History
Changes from Revision C (March 2015) to Revision D
Page
•
Added "and DINEN 61010-1" to the 4242 VPK in the Features .............................................................................................. 1
•
Deleted "(Approval Pending)" from the CSA Component Acceptance list item in the Features ............................................ 1
•
Deleted IEC from the section title: Insulation and Safety-Related Specifications for D-8 Package .................................... 12
•
Changed the CTI Test Conditions in Insulation and Safety-Related Specifications for D-8 Package ................................ 12
•
Changed VISO Test Condition in the Insulation Characteristics table .................................................................................. 13
•
Changed column CSA in the Regulatory Information table.................................................................................................. 13
Changes from Revision B (September 2014) to Revision C
Page
•
Changed Features From: Integrated Noise Filter on the Input pin To: Integrated Noise Filter at the Input........................... 1
•
Added Features - Default Output 'High' and 'Low' Options .................................................................................................... 1
•
Changed the DIN V VDE 0884-10 To: DIN V VDE V 0884-10 in the Features ..................................................................... 1
•
Changed Features From: 3 KVRMS Isolation To: 3000 VRMS Isolation .................................................................................... 1
•
Added "(Approval Pending)" to the CSA Component Acceptance list item in the Features .................................................. 1
•
Changed Features From: GB4943.1-2011 CQC Certification To: CQC Certification per GB4943.1-2011............................ 1
•
Changed the Simplified Schematic: GND1 To: GNDI and GND2 To GNDO ......................................................................... 1
•
Changed the Handling Ratings to ESD Ratings table and updated guidelines ..................................................................... 5
•
Changed the CTI MIN value in Insulation and Safety-Related Specifications for D-8 Package From: >400 V To: 400 V .. 12
•
Added "DT1" to the Minimum internal gap in Insulation and Safety-Related Specifications for D-8 Package ................... 12
•
Changed the DTI MIN value in Insulation and Safety-Related Specifications for D-8 Package From: 0.014 mm To:
13 µM.................................................................................................................................................................................... 12
•
Changed the RIO Test Condition in Insulation and Safety-Related Specifications for D-8 Package From: TA < 100°C
To: TA = 25°C ....................................................................................................................................................................... 12
•
Changed the RIO Test Condition in Insulation and Safety-Related Specifications for D-8 Package From: TA ≤ max
To: TA = 125°C ..................................................................................................................................................................... 12
•
Changed DIN V VDE 0884-10 To: DIN V VDE V 0884-10 in the Insulation Characteristics .............................................. 13
•
Added VIOSM to the Insulation Characteristics table ............................................................................................................ 13
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ISO7310C ISO7310FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com