Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7310CD Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7310CD
Description  Robust EMC, Low Power, Single Channel Digital Isolator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7310CD Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISO7310CD Datasheet HTML 10Page - Texas Instruments ISO7310CD Datasheet HTML 11Page - Texas Instruments ISO7310CD Datasheet HTML 12Page - Texas Instruments ISO7310CD Datasheet HTML 13Page - Texas Instruments ISO7310CD Datasheet HTML 14Page - Texas Instruments ISO7310CD Datasheet HTML 15Page - Texas Instruments ISO7310CD Datasheet HTML 16Page - Texas Instruments ISO7310CD Datasheet HTML 17Page - Texas Instruments ISO7310CD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
0
50
100
150
200
250
300
350
0
50
100
150
200
Case Temperature (
oC)
C004
V
CC1 = VCC2 = 3.6 V
V
CC1 = VCC2 = 5.5 V
ISO7310C, ISO7310FC
SLLSEI8D – JUNE 2014 – REVISED APRIL 2015
www.ti.com
8.3.1.4 Safety Limiting Values
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry. A failure of
the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier, potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJA = 119.9 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C
190
Safety input, output, or supply
IS
mA
current
RθJA = 119.9 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C
290
TS
Maximum case temperature
150
°C
The safety-limiting constraint is the absolute-maximum junction temperature specified in the Absolut Maximun
Ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The assumed junction-to-air thermal resistance in the
Thermal Information table is that of a device installed on a High-K Test Board for Leaded Surface-Mount
Packages. The power is the recommended maximum input voltage times the current. The junction temperature is
then the ambient temperature plus the power times the junction-to-air thermal resistance.
Figure 13.
θJC Thermal Derating Curve per DIN V VDE 0884-10
14
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ISO7310C ISO7310FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com