Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7810F Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO7810F
Description  High-Performance, 8000-VPK Reinforced Single-Channel Digital Isolator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7810F Datasheet(HTML) 2 Page - Texas Instruments

  ISO7810F Datasheet HTML 1Page - Texas Instruments ISO7810F Datasheet HTML 2Page - Texas Instruments ISO7810F Datasheet HTML 3Page - Texas Instruments ISO7810F Datasheet HTML 4Page - Texas Instruments ISO7810F Datasheet HTML 5Page - Texas Instruments ISO7810F Datasheet HTML 6Page - Texas Instruments ISO7810F Datasheet HTML 7Page - Texas Instruments ISO7810F Datasheet HTML 8Page - Texas Instruments ISO7810F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
ISO7810, ISO7810F
SLLSEP1B – JULY 2015 – REVISED JUNE 2016
www.ti.com
Product Folder Links: ISO7810 ISO7810F
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 4
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ..................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 6
6.5
Power Rating............................................................. 6
6.6
Insulation Characteristics ......................................... 7
6.7
Regulatory Information.............................................. 8
6.8
Safety Limiting Values .............................................. 8
6.9
Electrical Characteristics—5-V Supply ..................... 9
6.10
Supply Current Characteristics—5-V Supply .......... 9
6.11
Electrical Characteristics—3.3-V Supply .............. 10
6.12
Supply Current Characteristics—3.3-V Supply ..... 10
6.13
Electrical Characteristics—2.5-V Supply .............. 11
6.14
Supply Current Characteristics—2.5-V Supply ..... 11
6.15
Switching Characteristics—5-V Supply................. 12
6.16
Switching Characteristics—3.3-V Supply.............. 12
6.17
Switching Characteristics—2.5-V Supply.............. 13
6.18
Insulation Characteristics Curves ......................... 14
6.19
Typical Characteristics .......................................... 15
7
Parameter Measurement Information ................ 16
8
Detailed Description ............................................ 18
8.1
Overview ................................................................. 18
8.2
Functional Block Diagram ....................................... 18
8.3
Feature Description................................................. 19
8.4
Device Functional Modes........................................ 20
9
Applications and Implementation ...................... 21
9.1
Application Information............................................ 21
9.2
Typical Application .................................................. 21
10
Power Supply Recommendations ..................... 23
11
Layout................................................................... 24
11.1
Layout Guidelines ................................................. 24
11.2
Layout Example .................................................... 24
12
Device and Documentation Support ................. 25
12.1
Documentation Support ........................................ 25
12.2
Related Links ........................................................ 25
12.3
Receiving Notification of Documentation Updates 25
12.4
Community Resources.......................................... 25
12.5
Trademarks ........................................................... 25
12.6
Electrostatic Discharge Caution ............................ 25
12.7
Glossary ................................................................ 25
13
Mechanical, Packaging, and Orderable
Information ........................................................... 26
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (September 2015) to Revision B
Page
•
Changed Features From: Low Power Consumption, Typical 1.8 mA per Channel at 1 Mbps To: Low Power
Consumption, Typical 1.8 mA at 1 Mbps................................................................................................................................ 1
•
Changed Features From: Low Propagation Delay: 11 ns Typical To: Low Propagation Delay: 10.7 ns Typical ................. 1
•
Changed Features From: Safety and Regulatory Approvals To: Safety-Related Certifications ........................................... 1
•
Added the extra-wide body package (16 pin SOIC [DWW]) option........................................................................................ 1
•
Changed the INA, OUTA, VCCI, and VCCO pin names to IN, OUT, VCC1, and VCC2 (respectively) and updated the pin
out drawings, Pin Functions table, and other figures to match ............................................................................................. 4
•
Moved Junction temperature From Recommended Operating Conditions To Absolute Maximum Ratings ......................... 5
•
Changed the Thermal Information values for the DW package and add the values for the DWW package ........................ 6
•
Changed the values in the Power Rating table ..................................................................................................................... 6
•
Moved Insulation Characteristics to the Specifications section ............................................................................................. 7
•
Changed CIO Specification From: 2 pF To: ~0.75 pF ............................................................................................................ 7
•
Moved Regulatory Information to the Specifications section ................................................................................................. 8
•
Moved Safety Limiting Values to the Specifications section ................................................................................................. 8
•
Changed the minimum CMTI value from 50 to 100 and deleted the maximum value in the 5-V and 3.3-V electrical
characteristics tables. Also added VCM to the test conditions ................................................................................................ 9
•
Changed the maximum value for the supply current, AC parameter at 100 Mbps in all of the electrical characteristics
tables ..................................................................................................................................................................................... 9
•
Changed the minimum CMTI value from 70 to 100 and deleted the maximum value in the 2.5-V electrical
characteristics table. Also added VCM to the test conditions ................................................................................................ 11
•
Added the disable and enable propagation delay parameters to all of the switching characteristics tables ...................... 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com