Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7810F Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO7810F
Description  High-Performance, 8000-VPK Reinforced Single-Channel Digital Isolator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7810F Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7810F Datasheet HTML 9Page - Texas Instruments ISO7810F Datasheet HTML 10Page - Texas Instruments ISO7810F Datasheet HTML 11Page - Texas Instruments ISO7810F Datasheet HTML 12Page - Texas Instruments ISO7810F Datasheet HTML 13Page - Texas Instruments ISO7810F Datasheet HTML 14Page - Texas Instruments ISO7810F Datasheet HTML 15Page - Texas Instruments ISO7810F Datasheet HTML 16Page - Texas Instruments ISO7810F Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
ISO7810, ISO7810F
www.ti.com
SLLSEP1B – JULY 2015 – REVISED JUNE 2016
Product Folder Links: ISO7810 ISO7810F
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Also known as pulse skew.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6.17 Switching Characteristics—2.5-V Supply
VCC1 = VCC2 = 2.5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 13
7.5
11.7
17.5
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.7
4.7
ns
tsk(pp)
Part-to-part skew time(2)
4.5
ns
tr
Output signal rise time
See Figure 13
1.8
3.5
ns
tf
Output signal fall time
1.8
3.5
ns
tPHZ
Disable propagation delay, high-to-high impedance output for
ISO7810DWW and ISO7810FDWW
See Figure 14
22
45
ns
tPLZ
Disable propagation delay, low-to-high impedance output for
ISO7810DWW and ISO7810FDWW
22
45
ns
tPZH
Enable propagation delay,
high impedance-to-high output
ISO7810DWW
18
45
ns
ISO7810FDWW
2
2.5
μs
tPZL
Enable propagation delay,
high impedance-to-low output
ISO7810DWW
2
2.5
μs
ISO7810FDWW
18
45
ns
tDO
Default output delay time from input power loss
Measured from the time VCC goes
below 1.7 V. See Figure 15
0.2
9
μs
tie
Time interval error
216 – 1 PRBS data at 100 Mbps
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com