Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22918DBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22918DBVT
Description  5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22918DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS22918DBVT Datasheet HTML 9Page - Texas Instruments TPS22918DBVT Datasheet HTML 10Page - Texas Instruments TPS22918DBVT Datasheet HTML 11Page - Texas Instruments TPS22918DBVT Datasheet HTML 12Page - Texas Instruments TPS22918DBVT Datasheet HTML 13Page - Texas Instruments TPS22918DBVT Datasheet HTML 14Page - Texas Instruments TPS22918DBVT Datasheet HTML 15Page - Texas Instruments TPS22918DBVT Datasheet HTML 16Page - Texas Instruments TPS22918DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Control
Logic
VIN
ON
VOUT
GND
Charge Pump
QOD
CT
13
TPS22918
www.ti.com
SLVSD76B – FEBRUARY 2016 – REVISED JUNE 2016
Product Folder Links: TPS22918
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS22918 is a 5.5-V, 2-A load switch in a 6-pin SOT-23 package. To reduce voltage drop for low voltage
and high current rails, the device implements a low resistance N-channel MOSFET which reduces the drop out
voltage across the device.
The device has a configurable slew rate which helps reduce or eliminate power supply droop because of large
inrush currents. Furthermore, the device features a QOD pin, which allows the configuration of the discharge rate
of VOUT once the switch is disabled. During shutdown, the device has very low leakage currents, thereby
reducing unnecessary leakages for downstream modules during standby. Integrated control logic, driver, charge
pump, and output discharge FET eliminates the need for any external components which reduces solution size
and bill of materials (BOM) count.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com