Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA341UA/2K5 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA341UA/2K5
Description  SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA341UA/2K5 Datasheet(HTML) 3 Page - Texas Instruments

  OPA341UA/2K5 Datasheet HTML 1Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 2Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 3Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 4Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 5Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 6Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 7Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 8Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
OPA341, 2341
3
SBOS202A
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = 5V
±2
±6mV
Drift
dVOS/dT
±2
µV/
°C
vs Power Supply
PSRR
VS = 2.7V to 5.5V, VCM = 0V
40
200
µV/V
Over Temperature
VS = 2.7V to 5.5V, VCM = 0V
200
µV/V
Channel Separation, dc
0.2
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±0.6
±10
pA
Over Temperature
2000
pA
Input Offset Current
IOS
±0.2
±10
pA
NOISE
Input Voltage Noise, f = 0.1Hz to 50kHz
8
µVrms
Input Voltage Noise Density, f = 1kHz
en
25
nV/
√Hz
Input Current Noise Density, f = 1kHz
in
3fA/
√Hz
INPUT VOLTAGE RANGE
(V–) – 0.3
(V+) + 0.3
V
Common-Mode Voltage Range
VCM
(V–) – 0.1
(V+) + 0.1
V
Common-Mode Rejection Ratio
CMRR
VS = 5V, (V–) – 0.3V < VCM < (V+) – 1.8V
76
90
dB
Over Temperature
VS = 5V, (V–) – 0.1V < VCM < (V+) – 1.8V
74dB
VS = 5V, (V–) – 0.3V < VCM < (V+) + 0.3V
60
74
dB
Over Temperature
VS = 5V, (V–) – 0.1V < VCM < (V+) + 0.1V
58
dB
VS = 2.7V, (V–) – 0.3V < VCM < (V+) + 0.3V
57
70
dB
Over Temperature
VS = 2.7V, (V–) – 0.1V < VCM < (V+) + 0.1V
55
dB
INPUT IMPEDANCE
Differential
1013 || 3
Ω || pF
Common-Mode
1013 || 6
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
RL = 100kΩ, (V–) + 5mV < VO < (V+) – 5mV
100
120
dB
Over Temperature
RL = 100kΩ, (V–) + 5mV < VO < (V+) – 5mV
100
dB
RL = 2kΩ, (V–) + 200mV < VO < (V+) – 200mV
96
110
dB
Over Temperature
RL = 2kΩ, (V–) + 200mV < VO < (V+) – 200mV
94
dB
FREQUENCY RESPONSE
VS = 5V
Gain-Bandwidth Product
GBW
5.5
MHz
Slew Rate
SR
G = +1, CL = 100pF
6
V/
µs
Settling Time, 0.1%
tS
VS = 5V, 2V Step, G = +1, CL = 100pF
1
µs
0.01%
VS = 5V, 2V Step, G = +1, CL = 100pF
1.6
µs
Overload Recovery Time
VIN • Gain ≤ VS
0.2
µs
Total Harmonic Distortion + Noise
THD+N
VS = 5V, VO = 3Vp-p(1), G = +1, f = 1kHz
0.0007
%
OUTPUT
Voltage Output Swing from Rail
RL = 100kΩ, AOL > 100dB
1
5
mV
Over Temperature
RL = 100kΩ, AOL > 100dB
5
mV
RL = 2kΩ, AOL > 96dB
40
200
mV
Over Temperature
RL = 2kΩ, AOL > 94dB
200
mV
Short-Circuit Current
ISC
±50
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
SHUTDOWN
tOFF
1
µs
tON
3
µs
VL (Shutdown)
V–
(V–) + 0.8
V
VH (Amplifier is Active)
(V–) + 2
V+
V
IQSD
10
nA
POWER SUPPLY
Specified Voltage Range
VS
2.7
5.5
V
Operating Voltage Range
2.5 to 5.5
V
Quiescent Current (per amplifier)
IQ
IO = 0, VS = 5V
0.75
1.0
mA
Over Temperature
1.2
mA
TEMPERATURE RANGE
Specified Range
–55
125
°C
Operating Range
–55
150
°C
Storage Range
–65
150
°C
Thermal Resistance
θ
JA
°C/W
SOT-23-6 Surface Mount
200
°C/W
MSOP-10 Surface Mount
150
°C/W
SO-8 Surface Mount
150
°C/W
OPA341NA, UA
OPA2341DGSA
ELECTRICAL CHARACTERISTICS: VS = 2.7V to 5.5V
Boldface limits apply over the specified temperature range, TA = –55°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to VS/ 2 and VOUT = VS / 2, VENABLE = VDD, unless otherwise noted.
NOTE: (1) VOUT = 0.25V to 3.25V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com