Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA341UA/2K5 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA341UA/2K5
Description  SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA341UA/2K5 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA341UA/2K5 Datasheet HTML 3Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 4Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 5Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 6Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 7Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 8Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 9Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 10Page - Texas Instruments OPA341UA/2K5 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
OPA341, 2341
7
SBOS202A
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VENABLE = VDD, VS = +5V, RL = 10kΩ, unless otherwise noted.
SHUTDOWN CURRENT vs TEMPERATURE
150
25
75
125
Temperature (
°C)
–75
–25
20
15
10
5
0
V
ENABLE = VSS
SHUTDOWN CURRENT vs POWER SUPPLY
6
45
Supply Voltage (V)
23
12
11
10
9
8
7
6
5
4
V
ENABLE = VSS
SHUTDOWN CURRENT vs POWER SUPPLY
3.25
3.00
2.75
2.50
Supply Voltage (V)
23
4
5
6
V
ENABLE = VSS + 0.8V
SHUTDOWN CURRENT vs SHUTDOWN VOLTAGE
V
ENABLE (V)
35
30
25
20
15
10
5
0
0.0
0.2
0.4
0.6
0.8
1.0
V
S = 5V
QUIESCENT CURRENT vs V
ENABLE
V
ENABLE (V)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.0
0.4
0.8
1.2
1.6
2.0
V
S = 2.7V
QUIESCENT CURRENT vs V
ENABLE
V
ENABLE (V)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.0
0.4
0.8
1.2
1.6
2.0
V
S = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com