Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9926 Datasheet(PDF) 2 Page - ZP Semiconductor

Part # AP9926
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

AP9926 Datasheet(HTML) 2 Page - ZP Semiconductor

  AP9926 Datasheet HTML 1Page - ZP Semiconductor AP9926 Datasheet HTML 2Page - ZP Semiconductor AP9926 Datasheet HTML 3Page - ZP Semiconductor AP9926 Datasheet HTML 4Page - ZP Semiconductor AP9926 Datasheet HTML 5Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Typical Characteristics
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
VDS,Drain-to-Source Voltage(Volts)
0
5
10
15
20
25
30
35
0
1
2
3
VGS,Gate-to-Source Voltage(Volts)
Figure 1.Output Characteristics
Figure 2.Transfer Characteristics
24
24.5
25
25.5
26
26.5
0
50
100
150
Tj,Junction Temperature(℃)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
50
100
150
Tj.Junction Temperature(℃)
Figure 3.Breakdown Voltage Variation
Figure 4.Gate Threshold Variation
with Temperature
with Temperature
VGS=1.5V
VGS=2.0V
VGS=2.5,3.5,4.5V
Tj=125
℃
Tj=25
℃
ID=250uA
ID=250uA
sales@zpsemi.com
www.zpsemi.com
AP9926
2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com