Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9926 Datasheet(PDF) 3 Page - ZP Semiconductor

Part # AP9926
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

AP9926 Datasheet(HTML) 3 Page - ZP Semiconductor

  AP9926 Datasheet HTML 1Page - ZP Semiconductor AP9926 Datasheet HTML 2Page - ZP Semiconductor AP9926 Datasheet HTML 3Page - ZP Semiconductor AP9926 Datasheet HTML 4Page - ZP Semiconductor AP9926 Datasheet HTML 5Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Characteristics
0.015
0.02
0.025
0.03
0.035
0.04
0
50
100
150
Tj.Junction Temperature(℃)
0.015
0.017
0.019
0.021
0.023
0.025
0.027
0.029
0
5
10
15
20
ID-Drain Current(A)
Figure 5.On-Resistance Variation
Figure 6.On-Resistance vs. Drain Current
with Temperature
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0
2
4
6
8
10
VGS,Gate-to-Source Voltage(Volts)
0.1
1
10
100
0.1
0.6
1.1
1.6
VSD-Source-to-Drain Voltage(V)
Figure 7 . On-Resistance vs. Gate-to-Source
Figure 8 . Source-Drain Diode Forward
Voltage
Voltage
4.5V/6A
VGS=2.5V
VGS=4.5V
ID=6A
Tj=150
℃
Tj=25
℃
ID=5.2A
sales@zpsemi.com
www.zpsemi.com
AP9926
3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com