Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3897PDRYT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3897PDRYT
Description  Single-Channel, Adjustable Voltage Monitor in Ultra-Small Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3897PDRYT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS3897PDRYT Datasheet HTML 17Page - Texas Instruments TPS3897PDRYT Datasheet HTML 18Page - Texas Instruments TPS3897PDRYT Datasheet HTML 19Page - Texas Instruments TPS3897PDRYT Datasheet HTML 20Page - Texas Instruments TPS3897PDRYT Datasheet HTML 21Page - Texas Instruments TPS3897PDRYT Datasheet HTML 22Page - Texas Instruments TPS3897PDRYT Datasheet HTML 23Page - Texas Instruments TPS3897PDRYT Datasheet HTML 24Page - Texas Instruments TPS3897PDRYT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
SENSE_OUT
VCC
SENSE
GND
ENABLE
3.3 V
LDO
TPS3895A
OUT
Microprocessor
I/O
CT
IN
SENSE_OUT
VCC
SENSE
GND
ENABLE
3.0 V
LDO
1.8 V
LDO
TPS3895A
OUT
OUT
CT
IN
IN
5 V
5 V
EN
3.3 V
EN
3.0 V
EN
1.8 V
TPS389
www.ti.com
SBVS172B – JULY 2011 – REVISED APRIL 2015
Typical Applications (continued)
Figure 29. Voltage Sequencing (5 V
→ 3.3 V → 3 V → 1.8 V)
9.2.4.1 Design Requirements
Three rails must be sequenced to ensure proper start-up sequencing. The TPS3895As must drive the ENABLE
pins of each LDO, and use a logic-high signal to signify that the supply preceding it is above the desired
operating voltage for that rail. The ENABLE pin of the TPS3895As must be controlled by a microprocessor to
allow it to be shut down even when the rails are above the threshold.
9.2.4.2 Detailed Design Procedure
Select the resistor divider of each TPS3895A so the voltage at SENSE (VSENSE) is above the positive-going
threshold voltage (VIT+) at the point where the monitored voltage is required for proper device operation (that is,
proper operation of the DSP, CPU, FPGA, and so on). Also, ensure that the currents that flow from the monitored
voltage to ground through the resistor dividers are at least 100 times larger than the input current (ISENSE).
If an output delay time is required for any of the TPS3895As, connect a capacitor from the CT pin of that
TPS3895A to GND; see the Output Delay Time Pin (CT) section for more information. If no CT caps are
connected, the delay time is 40 µs for each TPS3895A in the chain. Because each of the ENABLE pins is tied to
the TPS3895A that precedes it (other than the first device in the chain), at a minimum the total delay time is the
sum of all the delay times set by the CT pins.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS389



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com