Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2234UA/2K5G4 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA2234UA/2K5G4
Description  Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2234UA/2K5G4 Datasheet(HTML) 2 Page - Texas Instruments

  OPA2234UA/2K5G4 Datasheet HTML 1Page - Texas Instruments OPA2234UA/2K5G4 Datasheet HTML 2Page - Texas Instruments OPA2234UA/2K5G4 Datasheet HTML 3Page - Texas Instruments OPA2234UA/2K5G4 Datasheet HTML 4Page - Texas Instruments OPA2234UA/2K5G4 Datasheet HTML 5Page - Texas Instruments OPA2234UA/2K5G4 Datasheet HTML 6Page - Texas Instruments OPA2234UA/2K5G4 Datasheet HTML 7Page - Texas Instruments OPA2234UA/2K5G4 Datasheet HTML 8Page - Texas Instruments OPA2234UA/2K5G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
OPA234, OPA2234, OPA4234
2
SBOS055B
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +5V
At TA = 25°C, VS = +5V, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
OPA234U, E
OPA2234U
OPA234UA, EA
OPA2234UA
OPA4234UA, U
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VCM = 2.5V
±40
±100
✻
±250
µV
OPA234E, EA
±100
±150
✻
±350
µV
vs Temperature(1)
dVOS/dT
Operating Temperature Range
±0.5
±3
✻✻
µV/°C
vs Power Supply
PSRR
VS = +2.7V to +30V, VCM = 1.7V
3
10
✻
20
µV/V
vs Time
0.2
✻
µV/mo
Channel Separation (Dual, Quad)
0.3
✻
µV/V
INPUT BIAS CURRENT
Input Bias Current(2)
IB
VCM = 2.5V
–15
–30
✻
–50
nA
Input Offset Current
IOS
VCM = 2.5V
±1
±5
✻✻
nA
NOISE
f = 1kHz
Input Voltage Noise Density
vn
25
✻
nV/
√Hz
Current Noise Density
in
80
✻
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
–0.1
(V+) –1
✻✻
V
Common-Mode Rejection
CMRR
VCM = –0.1V to 4V
91
106
86
✻
dB
INPUT IMPEDANCE
Differential
107 || 5
✻
Ω || pF
Common-Mode
VCM = 2.5V
1010 || 6
✻
Ω || pF
OPEN-LOOP GAIN
VO = 0.25V to 4V
Open-Loop Voltage Gain
AOL
RL = 10kΩ
108
120
100
✻
dB
RL = 2kΩ
86
96
✻✻
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
CL = 100pF
0.35
✻
MHz
Slew Rate
SR
0.2
✻
V/
µs
Settling Time: 0.1%
G = 1, 3V Step, CL = 100pF
15
✻
µs
0.01%
G = 1, 3V Step, CL = 100pF
25
✻
µs
Overload Recovery Time
(VIN) (Gain) = VS
16
✻
µs
OUTPUT
Voltage Output: Positive
RL = 10kΩ to VS/2
(V+) –1
(V+) –0.65
✻✻
V
Negative
RL = 10kΩ to VS/2
0.25
0.05
✻✻
V
Positive
RL = 10kΩ to Ground
(V+) –1
(V+) –0.65
✻✻
V
Negative
RL = 10kΩ to Ground
0.1
0.05
✻✻
V
Short-Circuit Current
ISC
±11
✻
mA
Capacitive Load Drive (Stable Operation)(3)
G = +1
1000
✻
pF
POWER SUPPLY
Specified Operating Voltage
+5
✻
V
Operating Voltage Range
+2.7
+36
✻✻
V
Quiescent Current (per amplifier)
IQ
IO = 0
250
300
✻✻
µA
TEMPERATURE RANGE
Specified Range
–40
+85
✻✻
°C
Operating Range
–40
+125
✻✻
°C
Storage
–55
+125
✻✻
°C
Thermal Resistance
θ
JA
8-Pin DIP
100
✻
°C/W
SO-8 Surface-Mount
150
✻
°C/W
MSOP-8 Surface-Mount
220
✻
°C/W
14-Pin DIP
80
✻
°C/W
SO-14 Surface-Mount
110
✻
°C/W
✻ Specifications same as OPA234U, E.
NOTES: (1) Wafer-level tested to 95% confidence level. (2) Positive conventional current flows into the input terminals. (3) See
Small-Signal Overshoot vs Load
Capacitance typical curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com