Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2234UA/2K5G4 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA2234UA/2K5G4
Description  Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2234UA/2K5G4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2234UA/2K5G4 Datasheet HTML 3Page - Texas Instruments OPA2234UA/2K5G4 Datasheet HTML 4Page - Texas Instruments OPA2234UA/2K5G4 Datasheet HTML 5Page - Texas Instruments OPA2234UA/2K5G4 Datasheet HTML 6Page - Texas Instruments OPA2234UA/2K5G4 Datasheet HTML 7Page - Texas Instruments OPA2234UA/2K5G4 Datasheet HTML 8Page - Texas Instruments OPA2234UA/2K5G4 Datasheet HTML 9Page - Texas Instruments OPA2234UA/2K5G4 Datasheet HTML 10Page - Texas Instruments OPA2234UA/2K5G4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
OPA234, OPA2234, OPA4234
7
SBOS055B
www.ti.com
TYPICAL CHARACTERISTIC CURVES (Cont.)
At TA = +25°C and RL = 10kΩ, unless otherwise noted.
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (µV)
0.3%
0.1%
25
20
15
10
5
0
V
S = +2.7V, +5V
Typical production
distribution of packaged
units. Single, dual, and
quad units included.
0.1%
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (µV)
30
25
20
15
10
5
0
V
S = ±15V
Typical production
distribution of packaged
units. Single, dual,
and quad units included.
0.2%
0.3%
0.7%
0.1%
0.5%
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (µV/°C)
35
30
25
20
15
10
5
0
0.1%
0.1%
0.2%
0.5%
0.3%
V
S = +5V
Typical production
distribution of packaged
units. Single, dual,
and quad units included.
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (µV/°C)
30
25
20
15
10
5
0
V
S = ±15V
Typical production
distribution of packaged
units. Single, dual,
and quad units included.
0.1%
0.1%
0.1%
0.1%
0.2%
0.4% 0.3%
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (µV/°C)
35
30
25
20
15
10
5
0
0.1%
0.1%
0.2%
0.1%
0.3%
V
S = +2.7V
Typical production
distribution of packaged
units. Single, dual,
and quad units included.
A
OL, CMR, AND PSR vs TEMPERATURE
Ambient Temperature (
°C)
140
130
120
110
100
90
80
70
60
–75
–50
–25
0
25
50
75
100
125
CMR
PSR
V
CM = (V–) –0.02V to (V+) –1V
A
OL
V
S = +2.7V
V
S = +5V
V
S = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com