Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA569 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA569
Description  Rail-to-Rail I/O, 2A POWER AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA569 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA569 Datasheet HTML 16Page - Texas Instruments OPA569 Datasheet HTML 17Page - Texas Instruments OPA569 Datasheet HTML 18Page - Texas Instruments OPA569 Datasheet HTML 19Page - Texas Instruments OPA569 Datasheet HTML 20Page - Texas Instruments OPA569 Datasheet HTML 21Page - Texas Instruments OPA569 Datasheet HTML 22Page - Texas Instruments OPA569 Datasheet HTML 23Page - Texas Instruments OPA569 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
OPA569
SBOS264A
20
www.ti.com
FIGURE 21. Single Power Amplifier Driving Bidirectional Current through a TEC using Asymmetrical Bipolar Power Supplies.
FIGURE 19. Grounded Anode LED Driver.
APPLICATION CIRCUITS
FIGURE 20. Bridge Tied Load Driver.
Luxeon Star-0
High-Power LED
12,
13
5
3
R
SET
6
17,
18
(1)
14,
15
V
O
f
O = 10kHz
V
IN
OPA569
R
1
49.9k
Ω
R
SHUNT
1
Ω
I
O
R
2
4.99k
Ω
4.99k
Ω
0.0033
µF
R
3
49.9k
Ω
–5V
+1V
0V
0mA
–100mA
0V
–2.5V
Feedback for Constant Current,
1V Input per 100mA Output as Shown.
NOTE: (1) Bypass as recommended.
R
SET
R
M
I
M = +
I
TEC
475
V
SET
Optional to
monitor the
load current.
TEC
OPA569
1k
Ω
Heat/Cool
V
TEC
V
TEC = 2 (VIN – VSET)
+
–
5
12,
13
17,
18
14,
15
Current
Limit
Set
Current
Limit
Set
17,
18
5
6
3
3
12,
13
14,
15
19
I
MONITOR
R
SET
NOTE: (1) Bypass as recommended.
5V
(1)
5V
6
1k
Ω
V
IN
OPA569
V
M
(1)
OPA569
5
12,
13
17,
18
19
–1.2V
14,
15
NOTE: Total Supply Must
be < 5.5V Cooling/Heating.
NOTE: (1) Bypass as recommended.
R
MONITOR
I
MONITOR
+3.3V
(1)
6
V
IN
TEC
I
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com