Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA569 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA569
Description  Rail-to-Rail I/O, 2A POWER AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA569 Datasheet(HTML) 5 Page - Texas Instruments

  OPA569 Datasheet HTML 1Page - Texas Instruments OPA569 Datasheet HTML 2Page - Texas Instruments OPA569 Datasheet HTML 3Page - Texas Instruments OPA569 Datasheet HTML 4Page - Texas Instruments OPA569 Datasheet HTML 5Page - Texas Instruments OPA569 Datasheet HTML 6Page - Texas Instruments OPA569 Datasheet HTML 7Page - Texas Instruments OPA569 Datasheet HTML 8Page - Texas Instruments OPA569 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
OPA569
SBOS264A
5
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +5V, unless otherwise noted.
180
160
140
120
100
80
60
40
20
0
–20
OPEN-LOOP GAIN AND PHASE vs FREQUENCY
Frequency (Hz)
1
10
100
1k
10k
100k
10M
1M
0.1
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
120
100
80
60
40
20
0
POWER-SUPPLY AND COMMON-MODE
REJECTION RATIO vs FREQUENCY
Frequency (Hz)
1
10
100
1k
10k
100k
CMRR
PSRR
300
250
200
150
100
50
0
OUTPUT SWING TO POSITIVE RAIL
vs SUPPLY VOLTAGE
Supply Voltage (V)
2.7
3.0
3.5
4.0
4.5
5.0
5.5
I
OUT = 200mA
I
OUT = 2A
I
OUT = 1A
300
250
200
150
100
50
0
OUTPUT SWING TO NEGATIVE RAIL
vs SUPPLY VOLTAGE
Supply Voltage (V)
2.7
3.0
3.5
4.0
4.5
5.0
5.5
I
OUT = –200mA
I
OUT = –2A
I
OUT = –1A
300
250
200
150
100
50
0
OUTPUT SWING TO POSITIVE RAIL
vs TEMPERATURE
Temperature (
°C)
–55
–35
–15
5
25
45
65
85
V
S = 2.7V, IO = 2A
V
S = 5V, IO = 1A
V
S = 2.7V, IO = 200mA
V
S = 5V, IO = 2A
V
S = 2.7V, IO = 1A
V
S = 5V, IO = 200mA
300
250
200
150
100
50
0
OUTPUT SWING TO NEGATIVE RAIL
vs TEMPERATURE
Temperature (
°C)
–55
–35
–15
5
25
45
65
85
V
S = 2.7V, IO = 2A
V
S = 5V, IO = 1A
V
S = 5V, IO = 200mA
V
S = 5V, IO = 2A
V
S = 2.7V, IO = 1A
V
S = 2.7V, IO = 200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com